データシートサーチシステム |
|
LM118H データシート(PDF) 1 Page - Texas Instruments |
|
|
LM118H データシート(HTML) 1 Page - Texas Instruments |
1 / 25 page LM118-N, LM218-N, LM318-N www.ti.com SNOSBS8C – MARCH 1998 – REVISED MARCH 2013 LM118-N/lm218-N/LM318-N Operational Amplifiers Check for Samples: LM118-N, LM218-N, LM318-N 1 FEATURES DESCRIPTION The LM118 series are precision high speed 2 • 15 MHz Small Signal Bandwidth operational amplifiers designed for applications • Ensured 50V/ μs Slew Rate requiring wide bandwidth and high slew rate. They • Maximum Bias Current of 250 nA feature a factor of ten increase in speed over general purpose devices without sacrificing DC performance. • Operates from Supplies of ±5V to ±20V • Internal Frequency Compensation The LM118 series has internal unity gain frequency compensation. This considerably simplifies its • Input and Output Overload Protected application since no external components are • Pin Compatible with General Purpose Op necessary for operation. However, unlike most Amps internally compensated amplifiers, external frequency compensation may be added for optimum performance. For inverting applications, feedforward compensation will boost the slew rate to over 150V/ μs and almost double the bandwidth. Overcompensation can be used with the amplifier for greater stability when maximum bandwidth is not needed. Further, a single capacitor can be added to reduce the 0.1% settling time to under 1 μs. The high speed and fast settling time of these op amps make them useful in A/D converters, oscillators, active filters, sample and hold circuits, or general purpose amplifiers. These devices are easy to apply and offer an order of magnitude better AC performance than industry standards such as the LM709. The LM218-N is identical to the LM118 except that the LM218-N has its performance specified over a −25°C to +85°C temperature range. The LM318-N is specified from 0°C to +70°C. Fast Voltage Follower Do not hard-wire as voltage follower (R1 ≥ 5 kΩ) 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 1998–2013, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - LM118H |
|
同様の説明 - LM118H |