データシートサーチシステム |
|
LM2901DR データシート(PDF) 2 Page - Texas Instruments |
|
|
LM2901DR データシート(HTML) 2 Page - Texas Instruments |
2 / 33 page LM139, LM239, LM339 LM139A, LM239A, LM339A LM2901, LM2901AV, LM2901V SLCS006S – OCTOBER 1979 – REVISED AUGUST 2012 www.ti.com Table 1. ORDERING INFORMATION(1) VIOmax ORDERABLE TOP-SIDE TA MAX VCC PACKAGE(2) AT 25°C PART NUMBER MARKING PDIP – N Tube of 25 LM339N LM339N Tube of 50 LM339D SOIC – D LM339DR LM339 Reel of 2500 LM339DRG3 5 mV 30 V SOP – NS Reel of 2000 LM339NSR LM339 SSOP – DB Reel of 2000 LM339DBR LM339 Tube of 90 LM339PW TSSOP – PW L339 0°C to 70°C Reel of 2000 LM339PWRG3 PDIP – N Tube of 25 LM339AN LM339AN Tube of 50 LM339AD SOIC – D LM339A Reel of 2500 LM339ADR 2 mV 30 V SOP – NS Reel of 2000 LM339ANSR LM339A SSOP – DB Reel of 2000 LM339ADBR L339A Tube of 90 LM339APW TSSOP – PW L339A Reel of 2000 LM339APWR PDIP – N Tube of 25 LM239N LM239N Tube of 50 LM239D SOIC – D LM239DR LM239 5 mV 30 V Reel of 2500 LM239DRG3 –25°C to 85°C Tube of 90 LM239PW TSSOP – PW L239 Reel of 2000 LM239PWR Tube of 50 LM239AD 2 mV 30 V SOIC – D LM239A Reel of 2500 LM239ADR PDIP – N Tube of 25 LM2901N LM2901N Tube of 50 LM2901D SOIC – D LM2901DR LM2901 Reel of 2500 7 mV 30 V LM2901DRG3 SOP – NS Reel of 2000 LM2901NSR LM2901 –40°C to 125°C Tube of 90 LM2901PW TSSOP – PW L2901 Reel of 2000 LM2901PWRG3 SOIC – D Reel of 2500 LM2901VQDR L2901V 7 mV 32 V TSSOP – PW Reel of 2000 LM2901VQPWR L2901V SOIC – D Reel of 2500 LM2901AVQDR L2901AV 2 mV 32 V TSSOP – PW Reel of 2000 LM2901AVQPWR L2901AV CFP – W Tube of 25 LM139W LM139W CDIP – J Tube of 25 LM139J LM139J 5 mV 30 V LCCC – FK Tube of 55 LM139FK LM139FK Tube of 50 LM139D SOIC – D LM139 Reel of 2500 LM139DR –55°C to 125°C CFP – W Tube of 25 LM139AW LM139AW CDIP – J Tube of 25 LM139AJ LM139AJ 2 mV 30 V LCCC – FK Tube of 55 LM139AFK LM139AFK Tube of 50 LM139AD SOIC – D LM139AD Reel of 2500 LM139ADR (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. 2 Submit Documentation Feedback Copyright © 1979–2012, Texas Instruments Incorporated Product Folder Links: LM139 LM239 LM339 LM139A LM239A LM339A LM2901 LM2901AV LM2901V |
同様の部品番号 - LM2901DR |
|
同様の説明 - LM2901DR |