データシートサーチシステム |
|
TPIC6C595PW データシート(PDF) 7 Page - Texas Instruments |
|
|
TPIC6C595PW データシート(HTML) 7 Page - Texas Instruments |
7 / 20 page TPIC6C595 POWER LOGIC 8BIT SHIFT REGISTER SLIS061C − JULY 1998 − REVISED APRIL 2005 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION 15 V 30 Ω 1.5 H SINGLE-PULSE AVALANCHE ENERGY TEST CIRCUIT tw tav IAS = 200 mA V(BR)DSX = 33 V VOLTAGE AND CURRENT WAVEFORMS Input ID VDS See Note B VCC DRAIN CLR SER IN G SRCK RCK Word Generator (see Note A) DUT GND 5 V VDS ID 1 7 15 2 10 8 16 3− 6, 11 −14 5 V 0 V MIN NOTES: A. The word generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, ZO = 50 Ω. B. Input pulse duration, tw, is increased until peak current IAS = 200 mA. Energy test level is defined as EAS = IAS × V(BR)DSX × tav/2 = 30 mJ. Figure 4. Single-Pulse Avalanche Energy Test Circuit and Waveforms TYPICAL CHARACTERISTICS Figure 5 tav − Time Duration of Avalanche − ms 0.1 1 10 PEAK AVALANCHE CURRENT vs TIME DURATION OF AVALANCHE 0.01 0.1 1 TC = 25°C Figure 6 0 1 2 3 4 5 6 f − Frequency − MHz VCC = 5 V TC = −40C° to 125°C SUPPLY CURRENT vs FREQUENCY 0.1 1 10 100 |
同様の部品番号 - TPIC6C595PW |
|
同様の説明 - TPIC6C595PW |