データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9961 データシート(PDF) 6 Page - Analog Devices

部品番号 AD9961
部品情報  10-/12-Bit, Low Power, Broadband MxFE
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9961 データシート(HTML) 6 Page - Analog Devices

Back Button AD9961 Datasheet HTML 2Page - Analog Devices AD9961 Datasheet HTML 3Page - Analog Devices AD9961 Datasheet HTML 4Page - Analog Devices AD9961 Datasheet HTML 5Page - Analog Devices AD9961 Datasheet HTML 6Page - Analog Devices AD9961 Datasheet HTML 7Page - Analog Devices AD9961 Datasheet HTML 8Page - Analog Devices AD9961 Datasheet HTML 9Page - Analog Devices AD9961 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 61 page
background image
AD9961/AD9963
Data Sheet
Rev. A | Page 6 of 60
fCLK = 125 MHz, fDLL = 250 MHz, DAC sample rate = 125 MSPS, ADC sample rate = 62.5 MSPS, unless otherwise noted.
Table 4. Power Consumption Specifications
AD9961
AD9963
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
1.8 V ONLY OPERATION (EXTERNAL 1.8 V)
CLK33V
1.65
1.65
mA
TXVDD
10.7
10.7
mA
DRVDD
29.4
34.9
mA
DVDD18V
21.0
22.7
mA
CLK18V
3.84
3.84
mA
DLL18V
9.98
9.98
mA
RX18V
79.2
79.2
mA
RX18VF
34.3
34.3
mA
3.3 V ONLY OPERATION (ON-CHIP REGULATORS)
TXVDD
12.1
12.1
mA
CLK33V
17.0
17.0
mA
RX33V
113
113
mA
DRVDD
93
108
mA
AUX33V
0.55
0.55
mA
SUPPLY VOLTAGE RANGE
CLK33V, TXVDD (These Supplies Must Be Tied Together)
1.72
3.63
1.72
3.63
V
DRVDD
1.72
3.63
1.72
3.63
V
DVDD18V
1.72
1.89
1.72
1.89
V
CLK18V
1.72
1.89
1.72
1.89
V
DLL18V
1.72
1.89
1.72
1.89
V
RX18V
1.72
1.89
1.72
1.89
V
RX18VF
1.72
1.89
1.72
1.89
V
RX33V
2.50
3.63
2.50
3.63
V
AUX33V (AUXADC Enabled)
3.14
3.63
3.14
3.63
V
AUX33V (AUXADC Disabled)
1.72
3.63
1.72
3.63
V


同様の部品番号 - AD9961

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9961 AD-AD9961 Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961-EBZ AD-AD9961-EBZ Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961BCPZ AD-AD9961BCPZ Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
AD9961BCPZRL AD-AD9961BCPZRL Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
More results

同様の説明 - AD9961

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9961 AD-AD9961 Datasheet
1,000Kb / 60P
   10-/12-Bit, Low Power, Broadband MxFE
REV. 0
logo
Maxim Integrated Produc...
MAX1213N MAXIM-MAX1213N Datasheet
790Kb / 21P
   1.8V, Low-Power, 12-Bit, 170Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1215N MAXIM-MAX1215N Datasheet
395Kb / 21P
   1.8V, Low-Power, 12-Bit, 250Msps ADC for Broadband Applications
Rev 0; 4/06
MAX1214N MAXIM-MAX1214N Datasheet
740Kb / 21P
   1.8V, Low-Power, 12-Bit, 210Msps ADC for Broadband Applications
Rev 0; 4/06
logo
Analog Devices
AD9862BSTZ AD-AD9862BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
REV. 0
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
logo
Linear Technology
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com