データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM3894CCYGA120 データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM3894CCYGA120
部品情報  AM389x Sitara ARM Processors
Download  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

AM3894CCYGA120 データシート(HTML) 6 Page - Texas Instruments

Back Button AM3894CCYGA120 Datasheet HTML 2Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 3Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 4Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 5Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 6Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 7Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 8Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 9Page - Texas Instruments AM3894CCYGA120 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 308 page
background image
AM3894
AM3892
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
www.ti.com
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This revision history highlights the technical changes made to the document in this revision.
AM389x Revisions
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 1.1
Features:
Changed ARM Cortex-A8 processor to 1.35 GHz
Table 2-2
Characteristics of the Processor:
Modified CPU Frequency and Cycle Time
Section 6.2
Recommended Operating Conditions:
Modified FSYSCLK MAX value
Table 7-13
PLL Clock Frequencies:
Modified Clock2, ARM @ 1.35 GHz
Table 7-15
SYSCLK Frequencies:
Modified SYSCLK2 and SYSCLK23 MAX FREQUENCY for DEVICE SPEED RANGE 135
Table 7-16
Module Clock Frequencies:
Modified Cortex-A8 and SGX530 MAX FREQUENCY for DEVICE SPEED RANGE 135
Figure 9-1
Device Nomenclature:
Modified DEVICE SPEED RANGE
6
Contents
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892


同様の部品番号 - AM3894CCYGA120

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM3894CCYGA120 TI1-AM3894CCYGA120 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
More results

同様の説明 - AM3894CCYGA120

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM3892BCYG120 TI1-AM3892BCYG120 Datasheet
2Mb / 308P
[Old version datasheet]   AM389x Sitara??ARM짰 Processors
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com