データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

54LS42 データシート(PDF) 4 Page - Texas Instruments

部品番号 54LS42
部品情報  54LS42 DM54LS42 DM74LS42 BCD to Decimal Decoders
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

54LS42 データシート(HTML) 4 Page - Texas Instruments

  54LS42 Datasheet HTML 1Page - Texas Instruments 54LS42 Datasheet HTML 2Page - Texas Instruments 54LS42 Datasheet HTML 3Page - Texas Instruments 54LS42 Datasheet HTML 4Page - Texas Instruments 54LS42 Datasheet HTML 5Page - Texas Instruments 54LS42 Datasheet HTML 6Page - Texas Instruments 54LS42 Datasheet HTML 7Page - Texas Instruments 54LS42 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Switching Characteristics at VCC e 5V and TA e 25 C (See Section 1 for Test Waveforms and Output Load)
From (Input)
RL e 2kX
Symbol
Parameter
To (Output)
CL e 15 pF
CL e 50 pF
Units
Min
Max
Min
Max
tPHL
Propagation Delay Time
A B C or D (2 Levels
25
30
ns
High to Low Level Output
of Logic) to Output
tPHL
Propagation Delay Time
A B C or D (3 Levels
30
35
ns
High to Low Level Output
of Logic) to Output
tPLH
Propagation Delay Time
A B C or D (2 Levels
25
30
ns
Low to High Level Output
of Logic) to Output
tPLH
Propagation Delay Time
A B C or D (3 Levels
30
35
ns
Low to High Level Output
of Logic) to Output
3


同様の部品番号 - 54LS42

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54LS42 NSC-54LS42 Datasheet
128Kb / 6P
   Decimal Decoders
54LS42DMQB NSC-54LS42DMQB Datasheet
128Kb / 6P
   Decimal Decoders
54LS42FMQB NSC-54LS42FMQB Datasheet
128Kb / 6P
   Decimal Decoders
More results

同様の説明 - 54LS42

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
DN74LS42 ETC1-DN74LS42 Datasheet
256Kb / 3P
   BCD to Decimal Decoders
logo
National Semiconductor ...
5442A NSC-5442A Datasheet
118Kb / 6P
   BCD to Decimal Decoders
logo
Texas Instruments
SN5445 TI1-SN5445_14 Datasheet
314Kb / 8P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
Fairchild Semiconductor
DM74145 FAIRCHILD-DM74145 Datasheet
40Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN74LS445 TI-SN74LS445 Datasheet
126Kb / 3P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
List of Unclassifed Man...
DN74LS445S ETC1-DN74LS445S Datasheet
283Kb / 3P
   BCD to Decimal Decoders/Drivers
logo
Fairchild Semiconductor
DM7445 FAIRCHILD-DM7445 Datasheet
41Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN54145 TI-SN54145_07 Datasheet
930Kb / 23P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
logo
National Semiconductor ...
DM54145 NSC-DM54145 Datasheet
124Kb / 4P
   BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN5445 TI-SN5445 Datasheet
153Kb / 4P
[Old version datasheet]   BCD-TO-DECIMAL DECODERS/DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com