データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SC2411K データシート(PDF) 2 Page - Rohm

部品番号 2SC2411K
部品情報  Medium Power Transistor (32V, 0.5A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

2SC2411K データシート(HTML) 2 Page - Rohm

  2SC2411K Datasheet HTML 1Page - Rohm 2SC2411K Datasheet HTML 2Page - Rohm 2SC2411K Datasheet HTML 3Page - Rohm 2SC2411K Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC2411K
Transistors
Rev.A
2/3
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
BVCBO
BVCEO
BVEBO
ICBO
IEBO
hFE
VCE (sat)
fT
Cob
Min.
40
32
5
120
250
6.5
1
1
390
0.6
VIC
= 100µA
IC
= 1mA
IE
= 100µA
VCB
= 20V
VEB
= 4V
VCE
= 3V, IC = 100mA
IC/IB
= 500mA/50mA
VCE
= 5V, IE = −20mA, f = 100MHz
VCB
= 10V, IE = 0A, f = 1MHz
V
V
µA
µA
V
MHz
pF
Typ.
Max.
Unit
Conditions
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
DC current transfer ratio
Collector-emitter saturation voltage
Transition frequency
Output capacitance
Packaging Specifications and hFE
T146
3000
QR
hFE
2SC2411K
Type
Package
Code
Taping
Basic ordering unit (pieces)
hFE values are classified as follows:
Item
Q
R
hFE
120 to 270
180 to 390
Electrical characteristic curves
0.8
0.2
0.4
0.9
0.7
0.5
1.1
0.3
1.0
0.6
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
Ta
=100°C
−25°C
80
°C
25
°C
−55°C
VCE
=6V
BASE TO EMITTER VOLTAGE : VBE
(V)
Fig.1
Grounded emitter propagation
characteristics
1
0
2345
0
100
50
0.50mA
0.45mA
0.40mA
0.35mA
0.30mA
0.25mA
0.20mA
0.15mA
0.10mA
0.05mA
IB
=0A
Ta
=25°C
COLLECTOR TO EMITTER VOLTAGE : VCE
(V)
Fig.2
Grounded emitter output
characteristics (
Ι )
0.5
1
2
5
10
20
50 100
1000
200
500
0.2
0.5
1
0.02
0.05
0.1
Ta
=25°C
Ta
lC/lB
=10
COLLECTOR CURRENT : IC
(mA)
Fig.4 Collector-emitter saturation voltage
vs. collector current


同様の部品番号 - 2SC2411K

メーカー部品番号データシート部品情報
logo
Rohm
2SC2411K ROHM-2SC2411K Datasheet
73Kb / 4P
   Medium Power Transistor (32V, 0.5A)
logo
Guangdong Kexin Industr...
2SC2411K KEXIN-2SC2411K Datasheet
41Kb / 1P
   Medium Power Transistor
logo
Weitron Technology
2SC2411K WEITRON-2SC2411K Datasheet
1Mb / 5P
   NPN General Purpose Transistors
logo
Pan Jit International I...
2SC2411K PANJIT-2SC2411K Datasheet
359Kb / 4P
   NPN GENERAL PURPOSE SWITCHING TRANSISTOR
logo
SHENZHEN YONGERJIA INDU...
2SC2411K WINNERJOIN-2SC2411K Datasheet
129Kb / 1P
   TRANSISTOR (NPN)
More results

同様の説明 - 2SC2411K

メーカー部品番号データシート部品情報
logo
Rohm
2SA1577 ROHM-2SA1577 Datasheet
78Kb / 4P
   Medium Power Transistor (-32V, -0.5A)
2SC2411K ROHM-2SC2411K Datasheet
73Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC1741S ROHM-2SC1741S Datasheet
71Kb / 4P
   Medium Power Transistor (32V, 0.5A)
logo
Leshan Radio Company
L2SA1036KLT1 LRC-L2SA1036KLT1 Datasheet
126Kb / 4P
   Medium Power Transistor(-32V, -0.5A)
logo
Rohm
2SC4097T106R ROHM-2SC4097T106R Datasheet
66Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC2411KT146R ROHM-2SC2411KT146R Datasheet
65Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SC4097 ROHM-2SC4097 Datasheet
74Kb / 4P
   Medium Power Transistor (32V, 0.5A)
2SD1781KT146Q ROHM-2SD1781KT146Q Datasheet
59Kb / 4P
   Medium Power Transistor (32V, 0.8A)
2SA1577 ROHM-2SA1577_09 Datasheet
167Kb / 3P
   Medium Power Transistor (-32V, -05A)
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
   Medium Power Transistor (-32V, -1A)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com