データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC17XSF500EK データシート(PDF) 8 Page - Freescale Semiconductor, Inc

部品番号 MC17XSF500EK
部品情報  Penta 17 mOhm High Side Switch
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC17XSF500EK データシート(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC17XSF500EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
MC17XSF500
4
General Product Characteristics
4.1
Relationship Between Ratings and Operating Requirements
The analog portion of device is supplied by the voltage applied to the VPWR exposed pad. Thereby the supply of internal circuitry
(logic in case of VCC disconnect, charge pump, gate drive,...) is derived from the VPWR terminal.
In case of reverse supply:
the internal supply rail is protected (max. -16 V)
the output drivers (OUT1… OUT5) are switched on to reduce the power consumption in the drivers, when using
incandescent bulbs
The device’s digital circuitry is powered by the voltage applied to the VCC pin. In case of a VCC disconnection, the logic part is
supplied by the VPWR pin.
The output driver for SPI signals, CLK pin (wake feedback) and OUT6 are supplied by the VCC pin only. This pin shall be
protected externally, in case of a reverse polarity, or in case of high-voltage disturbance.
Figure 4. Ratings vs. Operating Requirements (VPWR Pin)
Figure 5. Ratings vs. Operating Requirements (VCC Pin)
Fatal Range
Probable
permanent
failure
Reverse
protection
Degraded
Operating Range
- Reduced
performance
- Full protection
but accuracy not
guaranteed
- no PMW feature
for UV to 6 V
Normal
Operating Range
Full performance
Degraded
Operating Range
- Reduced
performance
- Full protection
but accuracy not
guaranteed
Potential Failure
- Reduced
performance
- Probable failure
in case of short-
circuit
Fatal Range
Probable
permanent
failure
Fatal Range
Probable
permanent failure
Accepted Industry
Standard Practices
Correct operation
Fatal Range
Probable
permanent failure
Handling Conditions (Power OFF)
Operating Range
Fatal Range
Probable
permanent failure
Not Operating
Range
Degraded Operating
Range
Reduced
performance
Normal Operating
Range
Full performance
DegradedOperating
Range
Reduced
performance
Fatal Range
Probable
permanent failure
Operating Range


同様の部品番号 - MC17XSF500EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC17XSF500 FREESCALE-MC17XSF500 Datasheet
8Mb / 2P
   Penta 17 m High-Side Switch
More results

同様の説明 - MC17XSF500EK

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
   Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
MC12XS6D3 NXP-MC12XS6D3 Datasheet
1Mb / 69P
   Penta 40 mOhm high-side switch
Rev. 6.0, 9/2020
logo
Freescale Semiconductor...
MC17XSF500 FREESCALE-MC17XSF500 Datasheet
8Mb / 2P
   Penta 17 m High-Side Switch
07XSF517 FREESCALE-07XSF517 Datasheet
1Mb / 72P
   Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
logo
NXP Semiconductors
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
   Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
   17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
   Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
logo
Freescale Semiconductor...
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
   Smart Rear Corner Light Switch(penta 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com