データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC17XSF500EK データシート(PDF) 9 Page - Freescale Semiconductor, Inc

部品番号 MC17XSF500EK
部品情報  Penta 17 mOhm High Side Switch
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC17XSF500EK データシート(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC17XSF500EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC17XSF500EK Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 70 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
MC17XSF500
4.2
Maximum Ratings
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Symbol
Description (Rating)
Min.
Max.
Unit
Notes
ELECTRICAL RATINGS
VPWR
VPWR Voltage Range
-16
40
V
VCC
VCC Logic Supply Voltage
-0.3
7.0
V
VIN
Digital Input Voltage
• IN1… IN4 and LIMP
• CLK, SI, SCLK, CSB, and RSTB
-0.3
-0.3
40
20
V
(2)
VOUT
Digital Output Voltage
• SO, CSNS, SYNC, OUT6, CLK
-0.3
20
V
(2)
ICL
Negative Digital Input Clamp Current
–5.0
mA
(3)
IOUT
Power Channel Current
–5.5
A
(4)
ECL
Power Channel Clamp Energy Capability
• Initial TJ = 25 °C
• Initial TJ = 150 °C
100
50
mJ
(5)
VESD
ESD Voltage
• Human Body Model (HBM) - VPWR, Power Channel and GND pins
• Human Body Model (HBM) - All other pins
• Charge Device Model (CDM) - Corner pins
• Charge Device Model (CDM) - All other pins
-8000
-2000
-750
-500
+8000
+2000
+750
+500
V
(6)
Notes
2.
Exceeding voltage limits on those pins may cause a malfunction or permanent damage to the device.
3.
Maximum current in negative clamping for IN1… IN4, LIMP, RSTB, CLK, SI, SO, SCLK, and CSB pins
4.
Continuous high side output current rating so long as maximum junction temperature is not exceeded. Calculation of maximum output
current using package thermal resistance is required.
5.
Active clamp energy using single-pulse method (L = 2.0 mH, RL = 0 , VPWR = 14 V). Please refer to Output Clamps section.
6.
ESD testing is performed in accordance with the Human Body Model (HBM) (CZAP = 100 pF, RZAP = 1500 ), and the Charge Device
Model.


同様の部品番号 - MC17XSF500EK

メーカー部品番号データシート部品情報
logo
Freescale Semiconductor...
MC17XSF500 FREESCALE-MC17XSF500 Datasheet
8Mb / 2P
   Penta 17 m High-Side Switch
More results

同様の説明 - MC17XSF500EK

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
MC17XS6500 NXP-MC17XS6500 Datasheet
987Kb / 73P
   Penta 17 mOhm High-side Switch
Rev. 5.0, 12/2017
MC12XS6D3 NXP-MC12XS6D3 Datasheet
1Mb / 69P
   Penta 40 mOhm high-side switch
Rev. 6.0, 9/2020
logo
Freescale Semiconductor...
MC17XSF500 FREESCALE-MC17XSF500 Datasheet
8Mb / 2P
   Penta 17 m High-Side Switch
07XSF517 FREESCALE-07XSF517 Datasheet
1Mb / 72P
   Triple 7.0 mOhm and Dual 17 mOhm High Side Switch
logo
NXP Semiconductors
MC07XS6517 NXP-MC07XS6517 Datasheet
1,016Kb / 73P
   Triple 7.0 mOhm and Dual 17 mOhm High-side Switch
Rev. 4.0, 12/2017
logo
Freescale Semiconductor...
MC07XSF517 FREESCALE-MC07XSF517 Datasheet
7Mb / 2P
   Triple 7.0 mOhm and Dual 17 mOhm High-Side Switch
logo
NXP Semiconductors
MC12XS6D1 NXP-MC12XS6D1 Datasheet
1Mb / 72P
   17 mOhm and 7.0 mOhm high-side switches
Rev. 7.0, 1/2021
MC06XS3517 NXP-MC06XS3517 Datasheet
2Mb / 41P
   Smart High-side Switch Module (Triple 6.0 mOhm and Dual 17 mOhm)
Rev. 5.0, 4/2014
MC35XS3500 NXP-MC35XS3500 Datasheet
2Mb / 45P
   Smart Rear Corner Light Switch (Penta 35 mOhm)
Rev. 8.0, 8/2013
logo
Freescale Semiconductor...
35XS3500 FREESCALE-35XS3500_V12 Datasheet
1Mb / 47P
   Smart Rear Corner Light Switch(penta 35 mOhm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com