データシートサーチシステム |
|
74LVC125A データシート(PDF) 2 Page - NXP Semiconductors |
|
74LVC125A データシート(HTML) 2 Page - NXP Semiconductors |
2 / 16 page 74LVC125A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 7 — 11 April 2013 2 of 16 NXP Semiconductors 74LVC125A Quad buffer/line driver with 5 V tolerant input/outputs; 3-state 3. Ordering information 4. Functional diagram Table 1. Ordering information Type number Package Temperature range Name Description Version 74LVC125AD 40 C to +125 C SO14 plastic small outline package; 14 leads; body width 3.9 mm; body thickness 1.47 mm SOT108-1 74LVC125ADB 40 C to +125 C SSOP14 plastic shrink small outline package; 14 leads; body width 5.3 mm SOT337-1 74LVC125APW 40 C to +125 C TSSOP14 plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 74LVC125ABQ 40 C to +125 C DHVQFN14 plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads; 14 terminals; body 2.5 3 0.85 mm SOT762-1 Fig 1. Logic symbol Fig 2. IEC logic symbol Fig 3. Logic diagram mna228 1A 1Y 2 1 3 1OE 2A 2Y 5 4 6 2OE 3A 3Y 9 10 8 3OE 4A 4Y 12 13 11 4OE mna229 1 EN1 1 3 2 4 6 5 10 8 9 13 11 12 mna227 nOE nA nY |
同様の部品番号 - 74LVC125A |
|
同様の説明 - 74LVC125A |