データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74LVC125ABQ データシート(PDF) 10 Page - NXP Semiconductors

部品番号 74LVC125ABQ
部品情報  Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVC125ABQ データシート(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC125ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 9Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 10Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 11Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 12Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 13Page - NXP Semiconductors 74LVC125ABQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74LVC125A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 11 April 2013
10 of 16
NXP Semiconductors
74LVC125A
Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Fig 10. Package outline SOT337-1 (SSOP14)
UNIT
A1
A2
A3
bp
cD (1)
E (1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.21
0.05
1.80
1.65
0.25
0.38
0.25
0.20
0.09
6.4
6.0
5.4
5.2
0.65
1.25
0.2
7.9
7.6
1.03
0.63
0.9
0.7
1.4
0.9
8
0
o
o
0.13
0.1
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.25 mm maximum per side are not included.
SOT337-1
99-12-27
03-02-19
(1)
w M
bp
D
HE
E
Z
e
c
v M A
X
A
y
1
7
14
8
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
MO-150
pin 1 index
0
2.5
5 mm
scale
SSOP14: plastic shrink small outline package; 14 leads; body width 5.3 mm
SOT337-1
A
max.
2


同様の部品番号 - 74LVC125ABQ

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVC125ABQ NEXPERIA-74LVC125ABQ Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC125ABQ-Q100 NEXPERIA-74LVC125ABQ-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
More results

同様の説明 - 74LVC125ABQ

メーカー部品番号データシート部品情報
logo
Nexperia B.V. All right...
74LVC126A-Q100 NEXPERIA-74LVC126A-Q100 Datasheet
236Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A-Q100 NEXPERIA-74LVC125A-Q100 Datasheet
709Kb / 15P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
74LVC125A NEXPERIA-74LVC125A Datasheet
248Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 9 - 17 September 2021
74LVC126A NEXPERIA-74LVC126A Datasheet
249Kb / 13P
   Quad buffer/line driver with 5 V tolerant input/outputs; 3-state
Rev. 11 - 20 September 2021
logo
NXP Semiconductors
74LVC126A PHILIPS-74LVC126A Datasheet
115Kb / 20P
   Quad buffer/line driver with 5 Volt tolerant input/outputs; 3-state
2003 Feb 28
74LVC125A PHILIPS-74LVC125A Datasheet
94Kb / 10P
   Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Apr 28
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com