データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PZU6.8DB2 データシート(PDF) 3 Page - NXP Semiconductors

部品番号 PZU6.8DB2
部品情報  Dual Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU6.8DB2 データシート(HTML) 3 Page - NXP Semiconductors

  PZU6.8DB2 Datasheet HTML 1Page - NXP Semiconductors PZU6.8DB2 Datasheet HTML 2Page - NXP Semiconductors PZU6.8DB2 Datasheet HTML 3Page - NXP Semiconductors PZU6.8DB2 Datasheet HTML 4Page - NXP Semiconductors PZU6.8DB2 Datasheet HTML 5Page - NXP Semiconductors PZU6.8DB2 Datasheet HTML 6Page - NXP Semiconductors PZU6.8DB2 Datasheet HTML 7Page - NXP Semiconductors PZU6.8DB2 Datasheet HTML 8Page - NXP Semiconductors PZU6.8DB2 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PZUXDB2_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2008
3 of 12
NXP Semiconductors
PZUxDB2 series
Dual Zener diodes
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
[2]
/DG: halogen-free plastic package
5.
Limiting values
[1]
tp = 100 µs; square wave; Tj =25 °C prior to surge
[2]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
PZU10DB2
TF*
PZU10DB2/DG
UF*
PZU11DB2
TG*
PZU11DB2/DG
UG*
PZU12DB2
TH*
PZU12DB2/DG
UH*
PZU13DB2
TK*
PZU13DB2/DG
UK*
PZU14DB2
TL*
PZU14DB2/DG
UL*
PZU15DB2
TM*
PZU15DB2/DG
UM*
PZU16DB2
TN*
PZU16DB2/DG
UN*
PZU18DB2
TP*
PZU18DB2/DG
UP*
PZU20DB2
TR*
PZU20DB2/DG
UR*
PZU22DB2
TS*
PZU22DB2/DG
US*
PZU24DB2
TT*
PZU24DB2/DG
UT*
Table 4.
Marking codes …continued
Type number
Marking code[1]
Type number[2]
Marking code[1]
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
IF
forward current
-
200
mA
IZSM
non-repetitive peak reverse
current
[1] -
see
Table 8
PZSM
non-repetitive peak reverse
power dissipation
[1] -40
W
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[2] -
250
mW
[3] -
275
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C


同様の部品番号 - PZU6.8DB2

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZU6.8DB2 NXP-PZU6.8DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU6.8DB2 NXP-PZU6.8DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU6.8DB2 NEXPERIA-PZU6.8DB2 Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU6.8DB2/DG NXP-PZU6.8DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU6.8DB2/DG NEXPERIA-PZU6.8DB2/DG Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
More results

同様の説明 - PZU6.8DB2

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PZU30DB2 NXP-PZU30DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
   DUAL ZENER DIODES
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
CD74ACT573M NXP-CD74ACT573M Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com