データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA6107AJF データシート(PDF) 6 Page - NXP Semiconductors

部品番号 TDA6107AJF
部品情報  Triple video output amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA6107AJF データシート(HTML) 6 Page - NXP Semiconductors

Back Button TDA6107AJF Datasheet HTML 2Page - NXP Semiconductors TDA6107AJF Datasheet HTML 3Page - NXP Semiconductors TDA6107AJF Datasheet HTML 4Page - NXP Semiconductors TDA6107AJF Datasheet HTML 5Page - NXP Semiconductors TDA6107AJF Datasheet HTML 6Page - NXP Semiconductors TDA6107AJF Datasheet HTML 7Page - NXP Semiconductors TDA6107AJF Datasheet HTML 8Page - NXP Semiconductors TDA6107AJF Datasheet HTML 9Page - NXP Semiconductors TDA6107AJF Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
9397 750 14728
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 28 April 2005
6 of 16
Philips Semiconductors
TDA6107AJF
Triple video output amplifier
9.
Characteristics
Table 5:
Characteristics
Operating range: Tj = −20 °C to +150 °C; VDD = 180 V to 210 V; test conditions: Tamb =25 °C; VDD = 200 V;
Voc(1) =Voc(2) =Voc(3) = 12VDD;CL =10pF (CL consists of parasitic and cathode capacitance); Rth(h-a) = 18 K/W; measured in
test circuit of Figure 9; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Iq
quiescent supply current
5.6
6
7.6
mA
Vref(int)
internal reference voltage (input
stage)
-
2.5
-
V
Ri
input resistance
-
2.1
-
k
G
gain of amplifier
73
81
89
∆G
gain difference
−4.2
0
+4.2
PSRR
power supply rejection ratio
f < 50 kHz
[1] -55
-
dB
αct(DC)
DC crosstalk between channels
-
−50
-
dB
Measurement output pin Iom; Voc =Voc(min) to Voc(max)
Iom(offset)
offset current of measurement
output (for three channels)
Ioc =0 µA;
Vom =1.8 Vto6V
−50
-
+50
µA
∆Iom/∆Ioc
linearity of current transfer
(for three channels)
Ioc = −100 µA to +100 µA;
Vom =1.8 Vto6V
−0.9
−1.0
−1.1
Ioc = −100 µA to +10 mA;
Vom =1.8 Vto4V
−0.9
−1.0
−1.1
Output pins Voc(1), Voc(2), Voc(3)
Voc(DC)
DC output voltage
Ii =0 µA
76
8797V
∆Voc(DC)(offset) differential DC output offset
voltage between two output pins
Ii =0 µA
−5
0
+5
V
∆Voc(T)
output voltage temperature drift
-
10
-
mV/K
∆Voc(T)(offset)
differential output offset voltage
temperature drift between two
output pins
-
0
-
mV/K
Ioc(max)
maximum peak output current
Voc =50Vto VDD − 50 V
-
20
-
mA
Voc(min)
minimum output voltage
Vi = 4.5 V; at Ioc =0mA
[2] -
-
10
V
Voc(max)
maximum output voltage
Vi = 0.5 V; at Ioc =0mA
[2] VDD − 15 --V
BS
small signal bandwidth
Voc = 60 V (p-p)
-
5.5
-
MHz
BL
large signal bandwidth
Voc = 100 V (p-p)
-
4.5
-
MHz
tco(p)
cathode output propagation time
50 % input to 50 % output
Voc = 100 V (p-p) square
wave
[3] -60
-
ns
∆tco(p)
difference in cathode output
propagation time 50 % input to
50 % output (between two
output pins)
Voc = 100 V (p-p) square
wave
[3]
−10
0
+10
ns
toc(r)
cathode output rise time
10 % output to 90 % output
Voc = 50 V to 150 V square
wave
[3] 67
91
113
ns
toc(f)
cathode output fall time
90 % output to 10 % output
Voc = 150 V to 50 V square
wave
[3] 67
91
113
ns


同様の部品番号 - TDA6107AJF

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
More results

同様の説明 - TDA6107AJF

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA6103Q PHILIPS-TDA6103Q Datasheet
100Kb / 16P
   Triple video output amplifier
March 1994
TDA6107Q PHILIPS-TDA6107Q Datasheet
85Kb / 16P
   Triple video output amplifier
1999 Oct 26
TDA6107JF PHILIPS-TDA6107JF Datasheet
95Kb / 20P
   Triple video output amplifier
2002 Oct 18
TDA6108AJF NXP-TDA6108AJF Datasheet
101Kb / 16P
   Triple video output amplifier
Rev. 03-20 April 2005
TDA6108JF PHILIPS-TDA6108JF Datasheet
315Kb / 16P
   Triple video output amplifier
1999 Oct 29
logo
Integral Corp.
ILA6107Q INTEGRAL-ILA6107Q Datasheet
151Kb / 5P
   Triple video output amplifier
logo
KODENSHI_AUK CORP.
KKA6107Q KODENSHI-KKA6107Q Datasheet
130Kb / 7P
   Triple video output amplifier
logo
Motorola, Inc
MHW3928 MOTOROLA-MHW3928 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
MHW3828 MOTOROLA-MHW3828 Datasheet
69Kb / 4P
   Triple Video Output Hybrid Amplifier
logo
National Semiconductor ...
CLC5623 NSC-CLC5623 Datasheet
182Kb / 12P
   Triple, High Output, Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com