データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA8783HLBE-T データシート(PDF) 2 Page - NXP Semiconductors

部品番号 TDA8783HLBE-T
部品情報  40 Msps, 10-bit analog-to-digital interface for CCD cameras
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA8783HLBE-T データシート(HTML) 2 Page - NXP Semiconductors

  TDA8783HLBE-T Datasheet HTML 1Page - NXP Semiconductors TDA8783HLBE-T Datasheet HTML 2Page - NXP Semiconductors TDA8783HLBE-T Datasheet HTML 3Page - NXP Semiconductors TDA8783HLBE-T Datasheet HTML 4Page - NXP Semiconductors TDA8783HLBE-T Datasheet HTML 5Page - NXP Semiconductors TDA8783HLBE-T Datasheet HTML 6Page - NXP Semiconductors TDA8783HLBE-T Datasheet HTML 7Page - NXP Semiconductors TDA8783HLBE-T Datasheet HTML 8Page - NXP Semiconductors TDA8783HLBE-T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2002 Oct 23
2
Philips Semiconductors
Product specification
40 Msps, 10-bit analog-to-digital
interface for CCD cameras
TDA8783
FEATURES
• Correlated Double Sampling (CDS), AGC, 10-bit ADC
and reference regulator included, adjustable bandwidth
(CDS and AGC)
• Fully programmable via a 3-wire serial interface
• Sampling frequency up to 40 MHz
• AGC gain from 4.5 to 34.5 dB (in 0.1 dB steps)
• CDS programmable bandwidth from 4 to 120 MHz
• AGC programmable bandwidth from 4 to 54 MHz
• Standby mode available for each block for power saving
applications 20 mW (typ.)
• 6 dB fixed gain analog output for analog iris control
• 8-bit and 10-bit DAC included for analog settings
• Low power consumption of only 483 mW (typ.)
• 5 V operation and 2.5 to 5.25 V operation for the digital
outputs
• TTL compatible inputs, TTL and CMOS compatible
outputs.
APPLICATIONS
• CCD camera systems.
GENERAL DESCRIPTION
The TDA8783 is a 10-bit analog-to-digital interface for
CCD cameras. The device includes a correlated double
sampling circuit, AGC and a low-power 10-bit
Analog-to-Digital Converter (ADC) together with its
reference voltage regulator.
The AGC and CDS have a bandwidth circuit controlled by
on-chip DACs via a serial interface.
A 10-bit DAC controls the ADC input clamp level.
An additional 8-bit DAC is provided for additional system
controls; its output voltage range is 1.4 V (p-p) which is
available at pin OFDOUT.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8783HL
LQFP48
plastic low profile quad flat package; 48 leads; body 7
× 7 × 1.4 mm
SOT313-2


同様の部品番号 - TDA8783HLBE-T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8783HL PHILIPS-TDA8783HL Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
More results

同様の説明 - TDA8783HLBE-T

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA9965A PHILIPS-TDA9965A Datasheet
136Kb / 22P
   12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com