データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4539DY データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 SI4539DY
部品情報  Dual N & P-Channel Enhancement Mode Field Effect Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4539DY データシート(HTML) 7 Page - Fairchild Semiconductor

  SI4539DY Datasheet HTML 1Page - Fairchild Semiconductor SI4539DY Datasheet HTML 2Page - Fairchild Semiconductor SI4539DY Datasheet HTML 3Page - Fairchild Semiconductor SI4539DY Datasheet HTML 4Page - Fairchild Semiconductor SI4539DY Datasheet HTML 5Page - Fairchild Semiconductor SI4539DY Datasheet HTML 6Page - Fairchild Semiconductor SI4539DY Datasheet HTML 7Page - Fairchild Semiconductor SI4539DY Datasheet HTML 8Page - Fairchild Semiconductor SI4539DY Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Si4539DY Rev. A
Typical Electrical Characteristics: P-Channel
(continued)
Figure 20. Single Pulse Maximum Power
Dissipation.
Figure 18. Capacitance Characteristics.
Figure 17. Gate Charge Characteristics.
Figure 19. Maximum Safe Operating Area.
0
2
4
6
8
10
12
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
V
= -5V
DS
-10V
-15V
I
= -5A
D
0.1
0.2
0.5
1
2
5
10
20
50
0.01
0.1
1
10
100
-V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
DS
A
V
= -10V
SINGLE PULSE
R
= 135°C/W
T
= 25°C
θJA
GS
A
DC
1s
100ms
10ms
1ms
10s
100us
0.1
0.3
1
3
10
30
50
100
200
500
1000
2000
-V
, DRAIN TO SOURCE VOLTAGE (V)
DS
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
0.01
0.1
0.5
10
50 100
300
0
5
10
15
20
25
30
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=135 °C/W
T = 25°C
θJA
A


同様の部品番号 - SI4539DY

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
SI4539DY-T1-E3 VBSEMI-SI4539DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

同様の説明 - SI4539DY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NDH8320C FAIRCHILD-NDH8320C Datasheet
74Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8520C FAIRCHILD-NDH8520C Datasheet
228Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDH8521C FAIRCHILD-NDH8521C Datasheet
101Kb / 8P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS9958 FAIRCHILD-NDS9958 Datasheet
360Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
ON Semiconductor
NDC7001C ONSEMI-NDC7001C Datasheet
363Kb / 10P
   Field Effect Transistor - Dual, N & P-Channel, Enhancement Mode
December, 2021 ??Rev. 2
logo
Fairchild Semiconductor
NDS8928 FAIRCHILD-NDS8928 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
NDS8958 FAIRCHILD-NDS8958 Datasheet
354Kb / 13P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
FDS8928A FAIRCHILD-FDS8928A Datasheet
285Kb / 12P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
KDS9952A KEXIN-KDS9952A Datasheet
80Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
KDS8928A KEXIN-KDS8928A Datasheet
86Kb / 3P
   Dual N & P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com