データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4925DY データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 SI4925DY
部品情報  Dual P-Channel, Logic Level, PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI4925DY データシート(HTML) 2 Page - Fairchild Semiconductor

  SI4925DY Datasheet HTML 1Page - Fairchild Semiconductor SI4925DY Datasheet HTML 2Page - Fairchild Semiconductor SI4925DY Datasheet HTML 3Page - Fairchild Semiconductor SI4925DY Datasheet HTML 4Page - Fairchild Semiconductor SI4925DY Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics
(T
A = 25
O
C unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, I D = -250 µA
-30
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = -250 µA, Referenced to 25
oC
-21
mV/
oC
I
DSS
Zero Gate Voltage Drain Current
V
DS = -24 V, VGS = 0 V
-1
µA
T
J = 55°C
-10
µA
I
GSSF
Gate - Body Leakage, Forward
V
GS = 16 V, VDS = 0 V
100
nA
I
GSSR
Gate - Body Leakage, Reverse
V
GS = -16 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = -250 µA
-1
-1.7
-3
V
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = 250 µA, Referenced to 25
oC
4
mV/
oC
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -10 V, I D = -6 A
0.025
0.032
T
J =125°C
0.033
0.051
V
GS = -4.5 V, I D = -5 A
0.034
0.045
I
D(ON)
On-State Drain Current
V
GS = -10 V, VDS = -5 V
-20
A
g
FS
Forward Transconductance
V
DS = -10 V, I D = -6 A
16
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = -15 V, VGS = 0 V,
f = 1.0 MHz
1540
pF
C
oss
Output Capacitance
400
pF
C
rss
Reverse Transfer Capacitance
170
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DS = -15 V, I D = -1 A
13
24
ns
t
r
Turn - On Rise Time
V
GEN = -10 V, RGEN = 6
22
35
ns
t
D(off)
Turn - Off Delay Time
47
75
ns
t
f
Turn - Off Fall Time
18
30
ns
Q
g
Total Gate Charge
V
DS = -10 V, I D = -6 A,
14.5
20
nC
Q
gs
Gate-Source Charge
V
GS = -5 V
4
nC
Q
gd
Gate-Drain Charge
5
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
-1.3
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = -1.3 A
(Note 2)
-0.73
-1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
Si4925DY Rev.A
c. 135
OC/W on a 0.003 in2
pad of 2oz copper.
b. 125
OC/W on a 0.02 in2
pad of 2oz copper.
a. 78
OC/W on a 0.5 in2
pad of 2oz copper.


同様の部品番号 - SI4925DY

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4925DDY VISHAY-SI4925DDY Datasheet
161Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 20-Oct-08
logo
SHENZHEN DOINGTER SEMIC...
SI4925DDY DOINGTER-SI4925DDY Datasheet
1Mb / 4P
   Dual P-Channel MOSFET uses advanced trench technology
logo
Vishay Siliconix
SI4925DDY VISHAY-SI4925DDY Datasheet
176Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI4925DDY VISHAY-SI4925DDY_V01 Datasheet
176Kb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI4925DY

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC6506P FAIRCHILD-FDC6506P Datasheet
204Kb / 8P
   Dual P-Channel Logic Level PowerTrench??MOSFET
FDR8508P FAIRCHILD-FDR8508P Datasheet
274Kb / 8P
   Dual P-Channel, Logic Level, PowerTrench??MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
   MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
logo
Fairchild Semiconductor
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
   MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
logo
Fairchild Semiconductor
SI4431DY FAIRCHILD-SI4431DY Datasheet
96Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
SI4835DY FAIRCHILD-SI4835DY Datasheet
79Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
FDS4435A FAIRCHILD-FDS4435A Datasheet
172Kb / 5P
   P-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDD9511L-F085 ONSEMI-FDD9511L-F085 Datasheet
208Kb / 7P
   P-Channel Logic Level PowerTrench MOSFET
July, 2018 ??Rev. P1
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com