データシートサーチシステム |
|
SB01S データシート(PDF) 3 Page - Delta Electronics, Inc. |
|
SB01S データシート(HTML) 3 Page - Delta Electronics, Inc. |
3 / 4 page DS_SB01S/D_07232012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc Power Derating Curve Notes 1 Specifications typical at Ta=+25 ℃, resistive load, nominal input voltage and rated output current unless otherwise noted. 2 Ripple & Noise measurement bandwidth is 0-20MHz. 3 These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules; however they may not meet all specifications listed. 4 All DC/DC converters should be externally fused at the front end for protection. 5 Specifications subject to change without notice. Mechancial Drawing Mechanical Dimensions Connecting Pin Patterns ►All dimensions in mm (inches) ►Tolerance: X.X±0.25 (X.XX±0.01) X.XX±0.13 ( X.XXX±0.005) ►Pins ±0.05 (±0.002) Pin Connections Physical outline Pin Single Output Dual Output Case Size : 15.3x8.0x6.75mm (0.60x0.31x0.27 Inches) 1 -Vin -Vin Case Material : Molding (flammability to UL 94V-0 rated) 2 +Vin +Vin 3 NA NA Weight : 2.2g 5 -Vout Common 6 NA -Vout 7 NA NA 8 +Vout +Vout 10 NA NA 11 NA NA 12 NA NA NA : Not Available for Electrical Connection P3 15.3 [0.6] 0.60 [0.02] 1 23 5 12 11 10 8 6 7 1.3 2.54 [0.1] 5.08 [0.2] [0.05] 9.2 [0.36] 7.0 [0.28] [0.2] 5.08 A S SEATING PLANE 0.15 S ( Magnification of A ) 1.7 [0.07] 12.7 [0.50] 10.8 [0.43] 5.08 [0.20] 1.0 [0.04] 2.54 [0.10] |
同様の部品番号 - SB01S |
|
同様の説明 - SB01S |