データシートサーチシステム |
|
SD02S2403A データシート(PDF) 1 Page - Delta Electronics, Inc. |
|
SD02S2403A データシート(HTML) 1 Page - Delta Electronics, Inc. |
1 / 4 page SD02S/D Sries 2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range DS_SD02S/D_03152012 E-mail: DCDC@delta.com.tw http://www.delta.com.tw/dcdc P1 FEATURES Efficiency up to 81% 2:1 Wide Input Range Fully regulated Output Operating Temperature Range –40°C to +85°C Moisture sensitivity level (MSL) 2 Isolation Voltage 1500 VDC Complies with EN55022,class A Lead free, RoHs Compliant Short circuit protection 3 Years Product Warranty The SD02S/D series are miniature, SMD Package, isolated 2W DC/DC converters with 1,500VDC isolation. The SD02S/D series features fully regulated output and wide 2:1 input voltage ranges. The most convenient advantage is the modules with a small footprint and low package height of 8.0 mm (0.31 inch) on the PCB. These isolated DC/DC converters are the latest offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. Model List Output Current Input Current Efficiency (typ.) Input Voltage (Range) Output Voltage Max. Min. @Max. Load @No Load Reflected Ripple Current Max. capacitive Load @Max. Load Model Number VDC VDC mA mA mA(typ.) mA(typ.) mA(typ.) uF % SD02S0503A 3.3 500 125 471 2200 70 SD02S0505A 5 400 100 548 1000 73 SD02S0512A 12 167 42 534 170 75 SD02S0515A 15 134 33 582 110 73 SD02D0505A ±5 ±200 ±50 667 470* 64 SD02D0512A ±12 ±83 ±21 615 100* 69 SD02D0515A 5 (4.5 ~ 9) ±15 ±67 ±17 598 40 100 47* 71 SD02S1203A 3.3 500 125 184 2200 73 SD02S1205A 5 400 100 217 1000 77 SD02S1212A 12 167 42 209 170 80 SD02S1215A 15 134 33 220 110 80 SD02D1205A ±5 ±200 ±50 242 470* 73 SD02D1212A ±12 ±83 ±21 224 100* 78 SD02D1215A 12 (9 ~ 18) ±15 ±67 ±17 226 20 25 47* 78 SD02S2403A 3.3 500 125 96 2200 72 SD02S2405A 5 400 100 109 1000 77 SD02S2412A 12 167 42 109 170 80 SD02S2415A 15 134 33 108 110 81 SD02D2405A ±5 ±200 ±50 119 470* 74 SD02D2412A ±12 ±83 ±21 112 100* 78 SD02D2415A 24 (18 ~ 36) ±15 ±67 ±17 110 10 15 47* 80 SD02S4803A 3.3 500 125 49 2200 71 SD02S4805A 5 400 100 57 1000 73 SD02S4812A 12 167 42 53 170 79 SD02S4815A 15 134 33 55 110 79 SD02D4805A ±5 ±200 ±50 62 470* 71 SD02D4812A ±12 ±83 ±21 57 100* 77 SD02D4815A 48 (36 ~ 75) ±15 ±67 ±17 57 8 10 47* 77 * For each output |
同様の部品番号 - SD02S2403A |
|
同様の説明 - SD02S2403A |