データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6923DQ データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 SI6923DQ
部品情報  P-Channel 2.5V Specified PowerTrench MOSFET with Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6923DQ データシート(HTML) 3 Page - Fairchild Semiconductor

  SI6923DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6923DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6923DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6923DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6923DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si6923DQ Rev. A (W)
Typical Characteristics
0
6
12
18
24
30
0123
45
-VDS, DRAIN-SOURCE VOLTAGE (V)
VGS = -4.5V
-2.5V
-3.5V
-3.0V
-2.0V
-4.0V
0.8
1
1.2
1.4
1.6
0
5
10
15
20
25
30
- ID, DRAIN CURRENT (A)
VGS = -2.5V
-3.5V
-4.5V
-3.0V
-4.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
o
C)
ID = -3.5A
VGS = -4.5V
0
0.03
0.06
0.09
0.12
0.15
1.5
2
2.533.544.5
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.7A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
6
12
18
24
30
0.4
1.3
2.2
3.1
4
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - SI6923DQ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ VISHAY-SI6924AEDQ Datasheet
119Kb / 7P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
01-Jan-2022
SI6924AEDQ-T1 VISHAY-SI6924AEDQ-T1 Datasheet
52Kb / 6P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. A, 13-May-03
SI6924AEDQ-T1-GE3 VISHAY-SI6924AEDQ-T1-GE3 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
SI6924AEDQ VISHAY-SI6924AEDQ_08 Datasheet
231Kb / 12P
   N-Channel 2.5-V (G-S) Battery Switch, ESD Protection
Rev. B, 12-May-08
More results

同様の説明 - SI6923DQ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDW6923 FAIRCHILD-FDW6923_08 Datasheet
267Kb / 5P
   P-Channel 2.5V Specified PowerTrench??MOSFET with Schottky Diode
FDW6923 FAIRCHILD-FDW6923 Datasheet
120Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET with Schottky Diode
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com