データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6933DQ データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 SI6933DQ
部品情報  Dual 30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6933DQ データシート(HTML) 4 Page - Fairchild Semiconductor

  SI6933DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6933DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6933DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6933DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6933DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Si6933DQ Rev. B (W)
Typical Characteristics
0
2
4
6
8
10
048
12
16
Qg, GATE CHARGE (nC)
ID = -4.1A
VDS = -10V
-15V
-20V
0
200
400
600
800
1000
1200
0
5
10
15
20
25
30
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100
µs
RDS(ON) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
10ms
1ms
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
SINGLE PULSE
RθJA = 125°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (sec)
RθJA(t) = r(t) * RθJA
RθJA = 125
oC/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


同様の部品番号 - SI6933DQ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6933DQ VISHAY-SI6933DQ Datasheet
211Kb / 3P
   Dual P-Channel Enhancement-Mode MOSFET
12-Oct-01
SI6933DQ VISHAY-SI6933DQ Datasheet
104Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI6933DQ VISHAY-SI6933DQ_V01 Datasheet
104Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI6933DQ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
SI6955DQ FAIRCHILD-SI6955DQ Datasheet
164Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS9953A FAIRCHILD-FDS9953A Datasheet
73Kb / 6P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4935 FAIRCHILD-FDS4935 Datasheet
122Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4953 FAIRCHILD-FDS4953_02 Datasheet
97Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4953 KEXIN-KDS4953 Datasheet
62Kb / 2P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Lowpower Semiconductor ...
LPM4953 POWER-LPM4953 Datasheet
389Kb / 6P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com