データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6943DQ データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 SI6943DQ
部品情報  Dual P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6943DQ データシート(HTML) 1 Page - Fairchild Semiconductor

  SI6943DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6943DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6943DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6943DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6943DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Sept 2001
2001 Fairchild Semiconductor Corporation
Si6943DQ Rev. B (W)
Si6943DQ
Dual P-Channel 2.5V Specified PowerTrench
MOSFET
General Description
This P-Channel –2.5V specified MOSFET is a rugged
gate version of Fairchild's Semiconductor’s advanced
PowerTrench process. It has been optimized for power
management applications with a wide range of gate
drive voltage (–2.5V to –8V).
Applications
• Load switch
• Motor drive
• DC/DC conversion
• Power management
Features
• –2.5 A, –12 V,
RDS(ON) = 110 m
Ω @ V
GS = –4.5 V.
RDS(ON) = 180 m
Ω @ V
GS = –2.5V.
• Extended V
GSS range (
±8V) for battery applications
• Low gate charge (4.6nC typical)
• High performance trench technology for extremely
low RDS(ON)
• Low profile TSSOP-8 package
D1
S1
S1
G1
D2
S2
S2
G2
TSSOP-8
Pin 1
8
7
6
5
1
2
3
4
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–12
V
VGSS
Gate-Source Voltage
±8
V
ID
Drain Current
– Continuous
(Note 1)
–2.5
A
– Pulsed
–20
PD
Power Dissipation for Single Operation
(Note 1a)
1.0
W
(Note 1b)
0.6
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
100
°C/W
(Note 1b)
125
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
6943
Si6943DQ
13’’
12mm
2500 units


同様の部品番号 - SI6943DQ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI6943BDQ VISHAY-SI6943BDQ Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
110Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ_V01 Datasheet
110Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI6943DQ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC6306P FAIRCHILD-FDC6306P Datasheet
235Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
USB10H FAIRCHILD-USB10H Datasheet
241Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502P FAIRCHILD-FDW2502P_03 Datasheet
145Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2504P FAIRCHILD-FDW2504P_02 Datasheet
121Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933_06 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS6815 FAIRCHILD-FDS6815 Datasheet
231Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
FDW2506P FAIRCHILD-FDW2506P Datasheet
93Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com