データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6943 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 SI6943
部品情報  Dual P-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6943 データシート(HTML) 3 Page - Fairchild Semiconductor

  SI6943 Datasheet HTML 1Page - Fairchild Semiconductor SI6943 Datasheet HTML 2Page - Fairchild Semiconductor SI6943 Datasheet HTML 3Page - Fairchild Semiconductor SI6943 Datasheet HTML 4Page - Fairchild Semiconductor SI6943 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Si6943DQ Rev. B (W)
Typical Characteristics
0
3
6
9
12
012345
-V
DS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -4.5V
-2.5V
-2.0V
-3.0V
-3.5V
0.8
1
1.2
1.4
1.6
1.8
03
69
12
-I
D, DRAIN CURRENT (A)
VGS= - 2.5V
-3.0V
-4.5V
-4.0V
-3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.9
1.1
1.3
1.5
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -2.5A
VGS = -4.5V
0.05
0.1
0.15
0.2
0.25
0.3
0.35
123
45
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -1.3A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
2
4
6
8
0.5
1
1.5
2
2.5
3
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS= -5V
0.0001
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - SI6943

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6943BDQ VISHAY-SI6943BDQ Datasheet
58Kb / 5P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. A, 07-Oct-02
SI6943BDQ VISHAY-SI6943BDQ Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ Datasheet
110Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6943BDQ VISHAY-SI6943BDQ_06 Datasheet
211Kb / 4P
   Dual P-Channel 2.5-V (G-S) MOSFET
Rev. B, 13-Feb-06
SI6943BDQ VISHAY-SI6943BDQ_V01 Datasheet
110Kb / 6P
   Dual P-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI6943

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC6306P FAIRCHILD-FDC6306P Datasheet
235Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
USB10H FAIRCHILD-USB10H Datasheet
241Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502P FAIRCHILD-FDW2502P_03 Datasheet
145Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2504P FAIRCHILD-FDW2504P_02 Datasheet
121Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2504P KEXIN-KDW2504P Datasheet
63Kb / 2P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
logo
Fairchild Semiconductor
FDS9933 FAIRCHILD-FDS9933_06 Datasheet
372Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS6815 FAIRCHILD-FDS6815 Datasheet
231Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
FDW2506P FAIRCHILD-FDW2506P Datasheet
93Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com