データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6955DQ データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 SI6955DQ
部品情報  Dual 30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6955DQ データシート(HTML) 1 Page - Fairchild Semiconductor

  SI6955DQ Datasheet HTML 1Page - Fairchild Semiconductor SI6955DQ Datasheet HTML 2Page - Fairchild Semiconductor SI6955DQ Datasheet HTML 3Page - Fairchild Semiconductor SI6955DQ Datasheet HTML 4Page - Fairchild Semiconductor SI6955DQ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
January 2002
2002 Fairchild Semiconductor Corporation
Si6955DQ Rev C(W)
Si6955DQ
Dual 30V P-Channel PowerTrench MOSFET
General Description
This P-Channel MOSFET is a rugged gate version of
Fairchild's Semiconductor’s advanced PowerTrench
process. It has been optimized for power management
applications requiring a wide range of gate drive voltage
ratings (4.5V – 20V).
Applications
Load switch
Battery protection
DC/DC conversion
Power management
Features
• –2.5 A, –30 V,
RDS(ON) = 85 m
Ω @ VGS = –10 V.
RDS(ON) = 190 m
Ω @ VGS = –4.5V.
• Extended VGSS range (±20V) for battery applications
• Low gate charge
• High performance trench technology for extremely
low RDS(ON)
• Low profile TSSOP-8 package
D1
S1
S1
G1
D2
S2
S2
G2
TSSOP-8
Pin 1
8
7
6
5
1
2
3
4
Absolute Maximum Ratings T
A=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
–30
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current – Continuous
(Note 1)
–2.5
A
– Pulsed
–20
PD
Power Dissipation for Single Operation
(Note 1a)
1.0
W
(Note 1b)
0.6
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
100
°C/W
(Note 1b)
125
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
6955
Si6955DQ
13’’
12mm
2500 units


同様の部品番号 - SI6955DQ

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6955ADQ VISHAY-SI6955ADQ Datasheet
272Kb / 3P
   Dual P-Channel 30-V (D-S) MOSFET
Rev. B, 13-Feb-06
SI6955ADQ VISHAY-SI6955ADQ Datasheet
106Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI6955ADQ VISHAY-SI6955ADQ_V01 Datasheet
106Kb / 5P
   Dual P-Channel 30-V (D-S) MOSFET
01-Jan-2022
More results

同様の説明 - SI6955DQ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDS4935A FAIRCHILD-FDS4935A Datasheet
113Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
SI6933DQ FAIRCHILD-SI6933DQ Datasheet
83Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS9953A FAIRCHILD-FDS9953A Datasheet
73Kb / 6P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4935 FAIRCHILD-FDS4935 Datasheet
122Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
FDS4953 FAIRCHILD-FDS4953_02 Datasheet
97Kb / 5P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDS4953 KEXIN-KDS4953 Datasheet
62Kb / 2P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Lowpower Semiconductor ...
LPM4953 POWER-LPM4953 Datasheet
389Kb / 6P
   Dual 30V P-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com