データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI6966 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 SI6966
部品情報  Dual N-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SI6966 データシート(HTML) 4 Page - Fairchild Semiconductor

  SI6966 Datasheet HTML 1Page - Fairchild Semiconductor SI6966 Datasheet HTML 2Page - Fairchild Semiconductor SI6966 Datasheet HTML 3Page - Fairchild Semiconductor SI6966 Datasheet HTML 4Page - Fairchild Semiconductor SI6966 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SI6966DQ Rev. A (W)
Typical Characteristics
0
1
2
3
4
5
0
2468
10
12
14
Qg, GATE CHARGE (nC)
I
D = 5.5A
V
DS = 5V
15V
10V
0
300
600
900
1200
1500
1800
0
4
8
12
16
20
VDS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
CRSS
C
OSS
f = 1MHz
VGS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
RDS(ON) LIMIT
VGS = 4.5V
SINGLE PULSE
RθJA = 208
oC/W
TA = 25
oC
10ms
1ms
10
20
30
40
50
SINGLE PULSE
RθJA = 208°C/W
TA = 25°C
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 208 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


同様の部品番号 - SI6966

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI6966DQ VISHAY-SI6966DQ Datasheet
104Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
Rev. C, 02-Jun-08
SI6966DQ VISHAY-SI6966DQ Datasheet
103Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI6966DQ-T1-GE3 VBSEMI-SI6966DQ-T1-GE3 Datasheet
963Kb / 8P
   Dual N-Channel 25-V (D-S) MOSFET
logo
Vishay Siliconix
SI6966DQ VISHAY-SI6966DQ_V01 Datasheet
103Kb / 5P
   Dual N-Channel 2.5-V (G-S) MOSFET
01-Jan-2022
SI6966EDQ VISHAY-SI6966EDQ Datasheet
198Kb / 3P
   N-Channel 2.5-V (G-S) MOSFET, ESD Protected
22-Oct-04
More results

同様の説明 - SI6966

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDR8305N FAIRCHILD-FDR8305N Datasheet
215Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS6814 FAIRCHILD-FDS6814 Datasheet
230Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench??MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ Datasheet
92Kb / 6P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW9926A FAIRCHILD-FDW9926A Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2601NZ FAIRCHILD-FDW2601NZ_08 Datasheet
719Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_02 Datasheet
110Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDC6000NZ FAIRCHILD-FDC6000NZ Datasheet
174Kb / 7P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2512NZ FAIRCHILD-FDW2512NZ Datasheet
269Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2501NZ FAIRCHILD-FDW2501NZ_08 Datasheet
229Kb / 5P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDW2511NZ FAIRCHILD-FDW2511NZ Datasheet
267Kb / 11P
   Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com