データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74HCT646M96G4 データシート(PDF) 9 Page - Texas Instruments

部品番号 CD74HCT646M96G4
部品情報  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74HCT646M96G4 データシート(HTML) 9 Page - Texas Instruments

Back Button CD74HCT646M96G4 Datasheet HTML 5Page - Texas Instruments CD74HCT646M96G4 Datasheet HTML 6Page - Texas Instruments CD74HCT646M96G4 Datasheet HTML 7Page - Texas Instruments CD74HCT646M96G4 Datasheet HTML 8Page - Texas Instruments CD74HCT646M96G4 Datasheet HTML 9Page - Texas Instruments CD74HCT646M96G4 Datasheet HTML 10Page - Texas Instruments CD74HCT646M96G4 Datasheet HTML 11Page - Texas Instruments CD74HCT646M96G4 Datasheet HTML 12Page - Texas Instruments CD74HCT646M96G4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
CD54HC646, CD74HCT646
OCTAL BUS TRANSCEIVERS AND REGISTERS
WITH 3-STATE OUTPUTS
SCHS278B – APRIL 2003 – REVISED APRIL 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics for CD74HCT646 over recommended operating free-air temperature
range (unless otherwise noted) (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
VCC
TA = 25°C
TA = –55°C
TO 125
°C
TA = –40°C
TO 85
°C
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
CC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
f
CL = 50 pF
4.5 V
25
17
20
MHz
fmax
CL = 15 pF
5 V
45
MHz
CLKBA or
AorB
CL = 50 pF
4.5 V
44
66
55
CLKAB
A or B
CL = 15 pF
5 V
18
t d
AorB
BorA
CL = 50 pF
4.5 V
37
56
46
ns
tpd
A or B
B or A
CL = 15 pF
5 V
15
ns
SBA or
AorB
CL = 50 pF
4.5 V
46
69
58
SAB†
A or B
CL = 15 pF
5 V
19
t
OE
AorB
CL = 50 pF
4.5 V
45
68
56
ns
ten
OE
A or B
CL = 15 pF
5 V
19
ns
tdi
OE
AorB
CL = 50 pF
4.5 V
35
53
44
ns
tdis
OE
A or B
CL = 15 pF
5 V
14
ns
tt
CL = 50 pF
4.5 V
12
18
15
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TYP
UNIT
Cpd
Power dissipation capacitance
52
pF


同様の部品番号 - CD74HCT646M96G4

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD74HCT646 TI-CD74HCT646 Datasheet
245Kb / 8P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC(OCTAL BUS TRANSCEIVER/REGISTER,3-STATE)
More results

同様の説明 - CD74HCT646M96G4

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS646 TI-SN54ALS646 Datasheet
270Kb / 18P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC652A TI-SN54LVC652A Datasheet
196Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI1-SN54ALS652_15 Datasheet
906Kb / 33P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT652 TI1-SN54ABT652_14 Datasheet
179Kb / 11P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com