データシートサーチシステム |
|
DAC7564IAPWG4 データシート(PDF) 7 Page - Texas Instruments |
|
DAC7564IAPWG4 データシート(HTML) 7 Page - Texas Instruments |
7 / 51 page DAC7564 www.ti.com SBAS413B – FEBRUARY 2008 – REVISED MAY 2011 TIMING REQUIREMENTS (1) (2) At AVDD = IOVDD= 2.7V to 5.5V and –40°C to +105°C range (unless otherwise noted). DAC7564 PARAMETER TEST CONDITIONS MIN TYP MAX UNIT IOVDD = AVDD = 2.7V to 3.6V 40 t1 (3) SCLK cycle time ns IOVDD = AVDD = 3.6V to 5.5V 20 IOVDD = AVDD = 2.7V to 3.6V 20 t2 SCLK HIGH time ns IOVDD = AVDD = 3.6V to 5.5V 10 IOVDD = AVDD = 2.7V to 3.6V 20 t3 SCLK LOW time ns IOVDD = AVDD = 3.6V to 5.5V 10 IOVDD = AVDD = 2.7V to 3.6V 0 t4 SYNC to SCLK rising edge setup time ns IOVDD = AVDD = 3.6V to 5.5V 0 IOVDD = AVDD = 2.7V to 3.6V 5 t5 Data setup time ns IOVDD = AVDD = 3.6V to 5.5V 5 IOVDD = AVDD = 2.7V to 3.6V 4.5 t6 Data hold time ns IOVDD = AVDD = 3.6V to 5.5V 4.5 IOVDD = AVDD = 2.7V to 3.6V 0 t7 SCLK falling edge to SYNC rising edge ns IOVDD = AVDD = 3.6V to 5.5V 0 IOVDD = AVDD = 2.7V to 3.6V 40 t8 Minimum SYNC HIGH time ns IOVDD = AVDD = 3.6V to 5.5V 20 IOVDD = AVDD = 2.7V to 3.6V 130 t9 24th SCLK falling edge to SYNC falling edge ns IOVDD = AVDD = 3.6V to 5.5V 130 IOVDD = AVDD = 2.7V to 3.6V 15 SYNC rising edge to 24th SCLK falling edge t10 ns (for successful SYNC interrupt) IOVDD = AVDD = 3.6V to 5.5V 15 IOVDD = AVDD = 2.7V to 3.6V 15 t11 ENABLE falling edge to SYNC falling edge ns IOVDD = AVDD = 3.6V to 5.5V 15 IOVDD = AVDD = 2.7V to 3.6V 10 t12 24th SCLK falling edge to ENABLE rising edge ns IOVDD = AVDD = 3.6V to 5.5V 10 IOVDD = AVDD = 2.7V to 3.6V 50 t13 24th SCLK falling edge to LDAC rising edge ns IOVDD = AVDD = 3.6V to 5.5V 50 IOVDD = AVDD = 2.7V to 3.6V 10 t14 LDAC rising edge to ENABLE rising edge ns IOVDD = AVDD = 3.6V to 5.5V 10 IOVDD = AVDD = 2.7V to 3.6V 10 t15 LDAC HIGH time ns IOVDD = AVDD = 3.6V to 5.5V 10 (1) All input signals are specified with tR = tF = 3ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. (2) See the Serial Write Operation timing diagram. (3) Maximum SCLK frequency is 50MHz at IOVDD = VDD = 3.6V to 5.5V and 25MHz at IOVDD = AVDD = 2.7V to 3.6V. Copyright © 2008–2011, Texas Instruments Incorporated 7 |
同様の部品番号 - DAC7564IAPWG4 |
|
同様の説明 - DAC7564IAPWG4 |