データシートサーチシステム |
|
DAC8830IBDR データシート(PDF) 7 Page - Texas Instruments |
|
|
DAC8830IBDR データシート(HTML) 7 Page - Texas Instruments |
7 / 34 page www.ti.com TIMING CHARACTERISTICS: VDD = +5 V (1) (2) TIMING CHARACTERISTICS: VDD = +3 V (1) (2) DAC8830 DAC8831 SLAS449D – FEBRUARY 2005 – REVISED SEPTEMBER 2007 At –40 °C to +85°C, unless otherwise noted. PARAMETER MIN MAX UNIT tsck SCLK period 20 ns twsck SCLK high or low time 10 ns tDelay Delay from SCLK high to CS low 10 ns tLead CS enable lead time 10 ns tLag CS enable lag time 10 ns tDSCLK Delay from CS high to SCLK high 10 ns ttd CS high between active period 30 ns tsu Data setup time (input) 10 ns tho Data hold time (input) 0 ns tWLDAC LDAC width 30 ns tDLDAC Delay from CS high to LDAC low 30 ns VDD high to CS low (power-up delay) 10 μs (1) Assured by design. Not production tested. (2) Sample tested during the initial release and after any redesign or process changes that may affect this parameter. At –40 °C to +85°C, unless otherwise noted. PARAMETER MIN MAX UNIT tsck SCLK period 20 ns twsck SCLK high or low time 10 ns tDelay Delay from SCLK high to CS low 10 ns tLead CS enable lead time 10 ns tLag CS enable lag time 10 ns tDSCLK Delay from CS high to SCLK high 10 ns ttd CS high between active period 30 ns tsu Data setup time (input) 10 ns tho Data hold time (input) 0 ns tWLDAC LDAC width 30 ns tDLDAC Delay from CS high to LDAC low 30 ns VDD high to CS low (power-up delay) 10 μs (1) Assured by design. Not production tested. (2) Sample tested during the initial release and after any redesign or process changes that may affect this parameter. Copyright © 2005–2007, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Link(s): DAC8830 DAC8831 |
同様の部品番号 - DAC8830IBDR |
|
同様の説明 - DAC8830IBDR |