データシートサーチシステム |
|
SIWC1350-100 データシート(PDF) 1 Page - Delta Electronics, Inc. |
|
SIWC1350-100 データシート(HTML) 1 Page - Delta Electronics, Inc. |
|
1 / 1 page o 25 C: 1KHz, 1V SIWC1350 Type Features RoHS compliant. Low profile (5.3mm max. height) SMD type. Magnetically shielded, suitable for high density mounting High energy storage and low DCR. Provided with embossed carrier tape packing. Idel for power source circuits, DC-DC converter, DC-AC inverters inductor application. In addition to the standard versions shown here, customized inductors are available to meet your exact requirements. SMT Power Inductor 70 0.00 0.01 0.10 1.00 10.00 CURRENT (A) 10.00 100.00 1000.00 100 120 150 180 220 270 330 390 470 560 680 820 101 121 151 181 221 271 331 391 471 561 681 821 102 Electrical Characteristics: SIWC1350 - 100 10 0.024 3.20 SIWC1350 - 120 12 0.026 3.00 SIWC1350 - 150 15 0.031 2.60 SIWC1350 - 180 18 0.033 2.50 SIWC1350 - 220 22 0.041 2.20 SIWC1350 - 270 27 0.047 2.00 SIWC1350 - 330 33 0.065 1.80 SIWC1350 - 390 39 0.077 1.60 SIWC1350 - 470 47 0.082 1.50 SIWC1350 - 560 56 0.100 1.30 SIWC1350 - 680 68 0.116 1.20 SIWC1350 - 820 82 0.136 1.10 SIWC1350 - 101 100 0.171 1.00 SIWC1350 - 121 120 0.214 0.91 SIWC1350 - 151 150 0.239 0.84 SIWC1350 - 181 180 0.293 0.76 SIWC1350 - 221 220 0.362 0.65 SIWC1350 - 271 270 0.441 0.61 SIWC1350 - 331 330 0.512 0.56 SIWC1350 - 391 390 0.569 0.50 SIWC1350 - 471 470 0.724 0.46 SIWC1350 - 561 560 0.863 0.39 SIWC1350 - 681 680 1.124 0.38 SIWC1350 - 821 820 1.319 0.33 WC1350 SI - 102 1000 1.582 0.29 2 Irated (Adc) PART NO. 1 L (uH) DCR ( )MAX 1. Tolerance of inductance : 20%. 2. Irated is the DC current which cause the inductance drop less than 20% of its nominal inductance without current o and the surface temperature of the part increase less than 45 C. oo 3. Operating temperature: -20 C to 105 C (including self-temperature rise). DELTA ELECTRONICS, INC. (TAOYUAN PLANT CPBG) 252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C. TEL: 886-3-3591968; FAX: 886-3-3591991 http://www.deltaww.com D A F B E Mechanical Dimension: UNIT:mm/inch A = 13.0 / 0.512 Max. B = 13.0 / 0.512 Max. C = 5.0 0.3 / 0.197 0.012 D = 4.0 / 0.157 E = 2.0 / 0.079 F = 8.6 0.1 / 0.339 0.004 RECOMMENDED PAD PATTERNS 5.0 3.0 7.6 |
同様の部品番号 - SIWC1350-100 |
|
同様の説明 - SIWC1350-100 |