データシートサーチシステム |
|
ADR5044A データシート(PDF) 10 Page - Analog Devices |
|
ADR5044A データシート(HTML) 10 Page - Analog Devices |
10 / 16 page ADR5040/ADR5041/ADR5043/ADR5044/ADR5045 Rev. A | Page 10 of 16 TERMINOLOGY Temperature Coefficient The change in output voltage with respect to operating temperature changes. It is normalized by an output voltage of 25°C. This parameter is expressed in ppm/°C and is determined by the following equation: () ( ) () () 6 10 C 25 C ppm × − × ° − = ⎥⎦ ⎤ ⎢⎣ ⎡ ° 1 2 UT O 1 OUT 2 OUT OUT T T V T V T V TCV (1) where: VOUT(25°C) = VOUT at 25°C. VOUT(T1) = VOUT at Temperature 1. VOUT(T2) = VOUT at Temperature 2. Thermal Hysteresis The change in output voltage after the device is cycled through temperatures ranging from +25°C to −40°C, then to +125°C, and back to +25°C. This is common in precision reference and is caused by thermal-mechanical package stress. Changes in envi- ronmental storage temperature, board mounting temperature, and the operating temperature are some of the factors that can contribute to thermal hysteresis. The following equation expresses a typical value from a sample of parts put through such a cycle: ( ) [] () () 6 _ _ _ _ 10 C 25 C 25 ppm C 25 × ° − ° = − ° = OUT TC OUT OUT HYS OUT TC OUT OUT HYS OUT V V V V V V V (2) where: VOUT(25°C) = VOUT at 25°C. VOUT_TC = VOUT at 25°C after a temperature cycle from +25°C to −40°C, then to +125°C, and back to +25°C. |
同様の部品番号 - ADR5044A |
|
同様の説明 - ADR5044A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |