データシートサーチシステム |
|
TL071IDR データシート(PDF) 6 Page - Texas Instruments |
|
|
TL071IDR データシート(HTML) 6 Page - Texas Instruments |
6 / 48 page TL071, TL071A, TL071B, TL072 TL072A, TL072B, TL074, TL074A, TL074B LOW-NOISE JFET-INPUT OPERATIONAL AMPLIFIERS SLOS080J − SEPTEMBER 1978 − REVISED MARCH 2005 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage (see Note 1): VCC+ 18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC− −18 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Differential input voltage, VID (see Note 2) ±30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI (see Notes 1 and 3) ±15 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Duration of output short circuit (see Note 4) Unlimited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 5 and 6): D package (8 pin) 97 °C/W . . . . . . . . . . . . . . . . . . . . . . D package (14 pin) 86 °C/W . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . P package 85 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . PS package 95 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . PW package (8 pin) 149 °C/W . . . . . . . . . . . . . . . . . . . PW package (14 pin) 113 °C/W . . . . . . . . . . . . . . . . . . U package 185 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJC (see Notes 7 and 8): FK package 5.61 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . J package 15.05 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . JG package 14.5 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . W package 14.65 °C/W . . . . . . . . . . . . . . . . . . . . . . . . Operating virtual junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Case temperature for 60 seconds: FK package 260 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: J, JG, or W package 300 °C . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC−. 2. Differential voltages are at IN+, with respect to IN−. 3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less. 4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the dissipation rating is not exceeded. 5. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. 6. The package thermal impedance is calculated in accordance with JESD 51-7. 7. Maximum power dissipation is a function of TJ(max), θJC, and TC. The maximum allowable power dissipation at any allowable case temperature is PD = (TJ(max) − TC)/θJC. Operating at the absolute maximum TJ of 150°C can affect reliability. 8. The package thermal impedance is calculated in accordance with MIL-STD-883. |
同様の部品番号 - TL071IDR |
|
同様の説明 - TL071IDR |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |