データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-6505-L001L データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-6505-L001L
部品情報  Subminiature fl at top package ideal for backlighting and light piping applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-6505-L001L データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-6505-L001L Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-6505-L001L Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-6505-L001L Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-6505-L001L Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-6505-L001L Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-6505-L001L Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-6505-L001L Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-6505-L001L Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-6505-L001L Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Device Selection Guide
Part Number: HLMP-xxxx
DH AS
High
High
Device
Standard
AlGaAs
Efficiency
Perf.
Emerald
Outline
Red
Red
Red
Orange
Yellow
Green
Green
Device Description[1]
Drawing
P005
P105
P205
P405
P305
P505
P605
Untinted, Nondiffused,
A
Flat Top
P102
P202
P402
P302
P502
Untinted, Diffused, Flat Top
A
6000
Q100
6300
Q400
6400
6500
Q600
Tinted, Diffused
B
Q105
6305
Q405
6405
6505
Q605
Untinted, Nondiffused,
B
High Brightness
Q150
7000
7019
7040
Tinted, Diffused, Low Current
B
Q155
Nondiffused, Low Current
B
6600
6700
6800
Tinted, Diffused, Resistor,
B
5 V, 10 mA
6620
6720
6820
Diffused, Resistor, 5 V, 4 mA
B
Ordering Information
HLMX-XXXX-X X X X X
4 x 4 Prod.
Part Number
Min. Iv Bin
Max. Iv Bin
Color Bin
Selection
Packaging
Option


同様の部品番号 - HLMP-6505-L001L

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-6505-L0000 HP-HLMP-6505-L0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-6505-L00XX HP-HLMP-6505-L00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

同様の説明 - HLMP-6505-L001L

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6305-L0021 AVAGO-HLMP-6305-L0021 Datasheet
240Kb / 16P
   Subminiature fl at top package
HLMP-7040 AVAGO-HLMP-7040 Datasheet
240Kb / 16P
   Subminiature fl at top package
logo
Kingbright Corporation
APED3528VBC-D KINGBRIGHT-APED3528VBC-D Datasheet
237Kb / 5P
   Ideal for backlighting
logo
COSMO Electronics Corp...
KL195W01 COSMO-KL195W01 Datasheet
222Kb / 9P
   Etremely Wde viewing angle; ideal for backlighting and Coupling light guides
logo
ON Semiconductor
NCP5890 ONSEMI-NCP5890 Datasheet
378Kb / 19P
   Light Management IC Dedicated for LCD Backlighting and Multi-LED Fun Light Applications
July, 2009 ??Rev. 1
logo
SunLED Corporation
XEUY2400M SUNLED-XEUY2400M Datasheet
209Kb / 3P
   Ideal for backlighting logos or icons
logo
Taoglas antenna solutio...
MA252.A.LB.001 TAOGLAS-MA252.A.LB.001 Datasheet
7Mb / 39P
   Ideal for IoT and Automotive Applications
MA250.A.LBI.001 TAOGLAS-MA250.A.LBI.001 Datasheet
13Mb / 62P
   Ideal for IoT and Automotive Applications
logo
Linx Technologies
ANT-ELE-S01-010 LINX-ANT-ELE-S01-010 Datasheet
382Kb / 2P
   Ideal for both stationary and mobile applications
12/2/13
logo
Marl International Limi...
669-503-0410 MARL-669-503-0410_15 Datasheet
321Kb / 4P
   Ideal for marine applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com