データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS22 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 SS22
部品情報  2.0 Ampere Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS22 データシート(HTML) 2 Page - Fairchild Semiconductor

  SS22 Datasheet HTML 1Page - Fairchild Semiconductor SS22 Datasheet HTML 2Page - Fairchild Semiconductor SS22 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SS22-S210, Rev. A
Schottky Barrier Rectifiers
(continued)
Typical Characteristics
Forward Current Derating Curve
50
60
70
80
90
100 110 120 130 140 150
0
0.5
1
1.5
2
LEAD TEMPERATURE ( C)
º
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
P.C.B. MOUNTED
ON 8.0x8.0mm
COPPER PAD AREAS
Non-Repetitive Surge Current
12
5
10
20
50
100
0
10
20
30
40
50
60
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
Junction Capacitance
0.1
0.5
1
5
10
20
50 100
10
20
50
100
200
500
REVERSE VOLTAGE (V)
f = 1.0 MHz
Vsig = 50mVp-p
T = 25 C
º
A
SS22-24
SS25-S210
Forward Characteristics
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
0.1
1
5
10
20
50
FORWARD VOLTAGE (V)
f = 1.0 MHz
Vsig = 50mVp-p
T = 25 C
º
A
SS22-24
SS25-26
SS28 - S210
Reverse Characteristics
0
20406080
100
120
140
0.001
0.01
0.1
1
10
NORMALIZED REVERSE VOLTAGE (%)
T = 100 C
º
A
T = 75 C
º
A
T = 25 C
º
A
SS22-24
SS25-S210


同様の部品番号 - SS22

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
SS22 MCC-SS22 Datasheet
223Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Zowie Technology Corpor...
SS22 ZOWIE-SS22 Datasheet
51Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS22 JUXING-SS22 Datasheet
2Mb / 2P
   Surface Mount Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SS22 CHENDA-SS22 Datasheet
500Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
TAITRON Components Inco...
SS22 TAITRON-SS22 Datasheet
187Kb / 5P
   2.0A Surface Mount Schottky Rectifier
More results

同様の説明 - SS22

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
SR202 DIODES-SR202 Datasheet
49Kb / 2P
   2.0 AMPERE SCHOTTKY BARRIER RECTIFIER
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB220 TRSYS-SB220 Datasheet
157Kb / 2P
   2 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com