データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF6648TR1 データシート(PDF) 4 Page - International Rectifier

部品番号 IRF6648TR1
部品情報  RoHs Compliant Containing No Lead and Bromide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF6648TR1 データシート(HTML) 4 Page - International Rectifier

  IRF6648TR1 Datasheet HTML 1Page - International Rectifier IRF6648TR1 Datasheet HTML 2Page - International Rectifier IRF6648TR1 Datasheet HTML 3Page - International Rectifier IRF6648TR1 Datasheet HTML 4Page - International Rectifier IRF6648TR1 Datasheet HTML 5Page - International Rectifier IRF6648TR1 Datasheet HTML 6Page - International Rectifier IRF6648TR1 Datasheet HTML 7Page - International Rectifier IRF6648TR1 Datasheet HTML 8Page - International Rectifier IRF6648TR1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF6648
4
www.irf.com
Fig 3. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 4. Typical Transfer Characteristics
Fig 5. Normalized On-Resistance vs. Temperature
Fig 6. Typical Capacitance vs.Drain-to-Source Voltage
Fig 7. Typical Total Gate Charge vs
Gate-to-Source Voltage
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
≤60µs PULSE WIDTH
Tj = 25°C
6.0V
0.1
1
10
VDS, Drain-to-Source Voltage (V)
1
10
100
1000
6.0V
≤60µs PULSE WIDTH
Tj = 150°C
VGS
TOP
15V
10V
8.0V
7.0V
BOTTOM
6.0V
2
4
6
8
10
VGS, Gate-to-Source Voltage (V)
0.1
1
10
100
1000
TJ = 150°C
TJ = 25°C
TJ = -40°C
VDS = 10V
≤60µs PULSE WIDTH
-60 -40 -20 0 20 40 60 80 100 120 140 160
TJ , Junction Temperature (°C)
0.5
1.0
1.5
2.0
ID = 86A
VGS = 10V
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, C ds SHORTED
Crss = Cgd
Coss = Cds + Cgd
Coss
Crss
Ciss
0
5
10
15
20
25
30
35
40
QG, Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VDS= 48V
VDS= 30V
ID= 17A


同様の部品番号 - IRF6648TR1

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6648TRPBF IRF-IRF6648TRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6648TRPBF IRF-IRF6648TRPBF Datasheet
645Kb / 10P
   DirectFETPower MOSFET 
More results

同様の説明 - IRF6648TR1

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF6713STR1PBF IRF-IRF6713STR1PBF Datasheet
236Kb / 9P
   ROHS Compliant Containing No Lead and Bromide
IRF8308MTRPBF IRF-IRF8308MTRPBF Datasheet
277Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MTRPBF IRF-IRF6894MTRPBF Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6894MPBF IRF-IRF6894MPBF_15 Datasheet
253Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6722S1PBF IRF-IRF6722S1PBF Datasheet
270Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6718L2PBF IRF-IRF6718L2PBF_15 Datasheet
236Kb / 10P
   RoHS Compliant Containing No Lead and Bromide
IRF6726MPBF IRF-IRF6726MPBF_15 Datasheet
262Kb / 9P
   RoHS Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF_15 Datasheet
281Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
IRF6633TR1 IRF-IRF6633TR1 Datasheet
263Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF8308MTR1PBF IRF-IRF8308MTR1PBF Datasheet
271Kb / 10P
   RoHs Compliant Containing No Lead and Bromide
IRF6802SDPBF IRF-IRF6802SDPBF Datasheet
230Kb / 9P
   RoHs Compliant Containing No Lead and Bromide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com