データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SS445P データシート(PDF) 4 Page - Honeywell Solid State Electronics Center

部品番号 SS445P
部品情報  Magnetic Sensors Line Guide
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HONEYWELL [Honeywell Solid State Electronics Center]
ホームページ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS445P データシート(HTML) 4 Page - Honeywell Solid State Electronics Center

  SS445P Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS445P Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
sensing.honeywell.com
Magnetic Sensors Line Guide
SS41/SS51T
Series
SS421 Series
SS42R
SS46
VF526DT
Description
bipolar Hall-effect
digital sensor IC
adjustable biplor Hall-
effect digital sensor
IC with underspeed
detection
latching Hall-effect
digital sensor IC with
dual active high/active
low complementary
outputs
latching Hall-effect
digital sensor IC
latching dual Hall-effect
digital sensor IC with
speed and direction
outputs
Magnetic actuation type
bipolar
bipolar
latching
latching
latching
Package material and style
SS41: plastic radial
lead (flat TO-92-style)
SS51T: plastic surface
mount (SOT-89)
plastic radial lead
plastic radial lead
plastic radial lead
(flat TO-92-style)
plastic surface mount
(SOT-89)
Supply voltage range
4.5 Vdc to 24 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 24 Vdc
3.4 Vdc to 24 Vdc
Supply current
15 mA max.
15 mA max.
11 mA max.
10 mA max.
OFF: 12 mA max
ON: 14 mA max
Output type
digital sinking
digital sinking
digital sinking or
sourcing
digital sinking
digital voltage, dual
open collector sinking
Operating temperature range
-40 °C to 150 °C
[-40 °F to 302 °F]
-40 °C to 105 °C
[-40 °F to 221 °F]
0 °C to 100 °C
[32 °F to 212 °F]
-40 °C to 150 °C
[-40 °F to 302 °F]
-40 °C to 125 °C
[-40 °F to 257 °F]
hall-effect sensor
Ics - digital
SS361RT/SS461R
SS400/SS500 Series
Description
latching Hall-effect digital sensor IC
SS400: unipolar/bipolar/latching Hall-effect digital sensor IC
SS500: unipolar/bipolar/latching Hall-effect digital sensor IC
Magnetic actuation type
latching
unipolar, bipolar, latching
Package material and style SS361RT: plastic surface mount (SOT-23)
SS461R: plastic radial lead (flat TO-92-style)
SS400: plastic radial lead (flat TO-92-style)
SS500: plastic surface mount (SOT-89)
Supply voltage range
3 Vdc to 18 Vdc, except SS361RT >125 °C [257 °F]: 3 Vdc to 12
Vdc
3.8 Vdc to 30 Vdc (inclusive)
Supply current
8 mA
SS400: 10 mA
SS500: 8.7 mA at 5 Vdc
Output type
digital sinking
digital sinking
Operating temperature
range
SS361RT(3Vto12V)&SS461R:40°Cto150°C[-40°Cto302°C]
SS361RT (3 V to 18 V): -40 °C to 125 °C [-40 °F to 257 °F]
-40 °C to 150 °C
[-40 °F to 302 °F]
hall-effect sensor
Ics - digital


同様の部品番号 - SS445P

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
SS445P HONEYWELL-SS445P Datasheet
431Kb / 4P
   Unipolar Hall-Effect Digital Position Sensors With Built-in Pull-up Resistor
More results

同様の説明 - SS445P

メーカー部品番号データシート部品情報
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
R300 HONEYWELL-R300 Datasheet
736Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
135-502FAF-J10 HONEYWELL-ACC-135-502FAF-J10 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HEL-776-A-U-0 HONEYWELL-ACC-HEL-776-A-U-0 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com