データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8582 データシート(PDF) 6 Page - Analog Devices

部品番号 AD8582
部品情報  5 Volt, Parallel Input Complete Dual 12-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8582 データシート(HTML) 6 Page - Analog Devices

  AD8582 Datasheet HTML 1Page - Analog Devices AD8582 Datasheet HTML 2Page - Analog Devices AD8582 Datasheet HTML 3Page - Analog Devices AD8582 Datasheet HTML 4Page - Analog Devices AD8582 Datasheet HTML 5Page - Analog Devices AD8582 Datasheet HTML 6Page - Analog Devices AD8582 Datasheet HTML 7Page - Analog Devices AD8582 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
AD8582–Typical Performance Characteristics
REV. 0
–6–
80
–60
–80
1
–20
–40
0
20
40
60
3
2
OUTPUT VOLTAGE – Volts
POSITIVE0
CURRENT0
LIMIT0
NEGATIVE
CURRENT
LIMIT
DATA = 800H
RL TIED TO +2V
1
10
1000
100
100
1
0.01
0.1
10
OUTPUT SINK CURRENT – µA
VDD = +5V
DATA = 000H
TA = +85°C
TA = –40°C
TA = +25°C
5
2
0
10
100
100k
10k
1k
1
3
4
RL TIED TO AGND
DATA = FFFH
VDD = +5V
TA = +25°C
RL TIED TO +5V
DATA = 000H
LOAD RESISTANCE –
Figure 6. Pull-Down Voltage vs.
Output Sink Current Capability
Figure 7. IOUT vs. VOUT
Figure 5. Output Swing vs. Load
5
0
5
1
0
3
2
4
3
24
1
LOGIC VOLTAGE VALUE – Volts
VDD = +4.75V
VDD = +5V
TA = +25°C
100
0
10
100
100k
10k
1k
60
80
20
40
FREQUENCY – Hz
VDD = +5V ±200mV AC
TA = +25°C
DATA = FFFH
TIME = 100µs/DIV
TA = +25°C
NBW = 630kHz
Figure 9. Supply Current vs. Logic
Input Voltage
Figure 10. Power Supply Rejection
vs. Frequency
Figure 8. Broadband Noise
2.028
2.018
2.048
2.038
0
5
TIME – 500ns/DIV
2048
10
TO 2047
10
2.008
0
5
VDD = +5V
TA = +25°C
TIME – 5µs/DIV
15µs
5
0
4
3
2
1
0
TIME = 20µs/DIV
10
90
100
LDB
VDD = +5V
TA = +25°C
1V
20µs
5V
0%
Figure 11. Midscale Transition
Performance
Figure 12. Large Signal Settling Time
Figure 13. Output Voltage Rise
Time Detail


同様の部品番号 - AD8582

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8582 AD-AD8582 Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AN AD-AD8582AN Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AN AD-AD8582AN Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AR AD-AD8582AR Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582AR AD-AD8582AR Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
More results

同様の説明 - AD8582

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8582 AD-AD8582_15 Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582 AD-AD8582 Datasheet
309Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
AD8582ARZ AD-AD8582ARZ Datasheet
312Kb / 8P
   5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
DAC8562 AD-DAC8562 Datasheet
636Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562FSZ AD-DAC8562FSZ Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
REV. A
DAC8562 AD-DAC8562_15 Datasheet
639Kb / 16P
   5 Volt, Parallel Input Complete 12-Bit DAC
AD8522ARZ AD-AD8522ARZ Datasheet
244Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8522 AD-AD8522 Datasheet
240Kb / 8P
   5 Volt, Serial Input, Dual 12-Bit DAC
REV. A
AD8300 AD-AD8300 Datasheet
245Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
AD8300 AD-AD8300_15 Datasheet
244Kb / 8P
   3 Volt, Serial Input Complete 12-Bit DAC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com