データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9258BCPZRL7-801 データシート(PDF) 7 Page - Analog Devices

部品番号 AD9258BCPZRL7-801
部品情報  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9258BCPZRL7-801 データシート(HTML) 7 Page - Analog Devices

Back Button AD9258BCPZRL7-801 Datasheet HTML 3Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 4Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 5Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 6Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 7Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 8Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 9Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 10Page - Analog Devices AD9258BCPZRL7-801 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
AD9258
Rev. A | Page 7 of 44
AD9258BCPZ-80
AD9258BCPZ-105
AD9258BCPZ-125
Parameter1
Temp
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
WORST OTHER (HARMONIC OR SPUR)
Without Dither
fIN = 2.4 MHz
25°C
−100
−100
−99
dBc
fIN = 70 MHz
25°C
−100
−96
−99
−94
−98
−94
dBc
Full
−96
−94
−94
dBc
fIN = 140 MHz
25°C
−97
−97
−97
dBc
fIN = 200 MHz
25°C
−95
−95
−95
dBc
With On-Chip Dither
fIN = 2.4 MHz
25°C
−109
−107
−107
dBc
fIN = 70 MHz
25°C
−105
−96
−106
−95
−105
−95
dBc
Full
−96
−95
−95
dBc
fIN = 140 MHz
25°C
−106
−104
−103
dBc
fIN = 200 MHz
25°C
−102
−104
−97
dBc
TWO-TONE SFDR WITHOUT DITHER
fIN = 29 MHz (−7 dBFS ), 32 MHz (−7 dBFS )
25°C
93
92
90
dBc
fIN = 169 MHz (−7 dBFS ),172 MHz (−7 dBFS )
25°C
81
80
82
dBc
CROSSTALK2
Full
−95
−95
−95
dB
ANALOG INPUT BANDWIDTH
25°C
650
650
650
MHz
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for a complete set of definitions.
2 Crosstalk is measured at 100 MHz with −1.0 dBFS on one channel and no input on the alternate channel.
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, and DCS enabled, unless
otherwise noted.
Table 3.
Parameter
Temperature
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS (CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
0.9
V
Differential Input Voltage
Full
0.3
3.6
V p-p
Input Voltage Range
Full
AGND
AVDD
V
Input Common-Mode Range
Full
0.9
1.4
V
High Level Input Current
Full
−100
+100
μA
Low Level Input Current
Full
−100
+100
μA
Input Capacitance
Full
4
pF
Input Resistance
Full
8
10
12
SYNC INPUT
Logic Compliance
CMOS
Internal Bias
Full
0.9
V
Input Voltage Range
Full
AGND
AVDD
V
High Level Input Voltage
Full
1.2
AVDD
V
Low Level Input Voltage
Full
AGND
0.6
V
High Level Input Current
Full
−100
+100
μA
Low Level Input Current
Full
−100
+100
μA
Input Capacitance
Full
1
pF
Input Resistance
Full
12
16
20


同様の部品番号 - AD9258BCPZRL7-801

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9258BCPZRL7-801 AD-AD9258BCPZRL7-801 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results

同様の説明 - AD9258BCPZRL7-801

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com