データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9887A データシート(PDF) 5 Page - Analog Devices

部品番号 AD9887A
部品情報  Dual Interface for Flat Panel Display
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9887A データシート(HTML) 5 Page - Analog Devices

  AD9887A Datasheet HTML 1Page - Analog Devices AD9887A Datasheet HTML 2Page - Analog Devices AD9887A Datasheet HTML 3Page - Analog Devices AD9887A Datasheet HTML 4Page - Analog Devices AD9887A Datasheet HTML 5Page - Analog Devices AD9887A Datasheet HTML 6Page - Analog Devices AD9887A Datasheet HTML 7Page - Analog Devices AD9887A Datasheet HTML 8Page - Analog Devices AD9887A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 52 page
background image
AD9887A
Rev. B | Page 5 of 52
DIGITAL INTERFACE
VD = 3.3 V, VDD = 3.3 V, clock = maximum, unless otherwise noted.
Table 2.
AD9887AKS
Parameter
Conditions
Temp
Test
Level
Min
Typ
Max
Unit
RESOLUTION
8
Bits
DC DIGITAL I/O SPECIFICATIONS
High Level Input Voltage, VIH
Full
VI
2.6
V
Low Level Input Voltage, VIL
Full
VI
0.8
High Level Output Voltage, VOH
Full
VI
2.4
V
Low Level Output Voltage, VOL
Full
VI
0.4
V
Input Clamp Voltage, VCINL
ICL = −18 mA
IV
GND − 0.8
V
Input Clamp Voltage, VCIPL
ICL = +18 mA
IV
VDD + 0.8
V
Output Clamp Voltage, VCONL
ICL = −18 mA
IV
GND − 0.8
V
Output Clamp Voltage, VCOPL
ICL = +18 mA
IV
VDD + 0.8
V
Output Leakage Current, IOL
High impedance
Full
IV
−10
+10
μA
DC SPECIFICATIONS
Output High Drive, IOHD (VOUT = VOH)
Output drive = high
Full
IV
13
mA
Output drive = med
Full
IV
8
mA
Output drive = low
Full
IV
5
mA
Output Low Drive, IOLD (VOUT = VOL)
Output drive = high
Full
IV
−9
mA
Output drive = med
Full
IV
−7
mA
Output drive = low
Full
IV
−5
mA
DATACK High Drive, IOHC (VOUT = VOH)
Output drive = high
Full
IV
25
mA
Output drive = med
Full
IV
12
mA
Output drive = low
Full
IV
8
mA
DATACK Low Drive, IOLC (VOUT = VOL)
Output drive = high
Full
IV
−25
mA
Output drive = med
Full
IV
−19
mA
Output drive = low
Full
IV
−8
mA
Differential Input Voltage,
Single-Ended Amplitude
Full
IV
75
800
mA
POWER SUPPLIES
VD Supply Voltage
Full
IV
3.15
3.3
3.45
V
VDD Supply Voltage
Minimum value for two pixels
per clock mode
Full
IV
2.2
3.3
3.45
V
PVD Supply Voltage
Full
IV
3.15
3.3
3.45
V
ID Supply Current1
25°C
V
350
mA
IDD Supply Current1, 2
255°C
V
40
mA
IPVD Supply Current1
255°C
IV
130
mA
Total Supply Current with HDCP1, 2
VI
520
560
mA
AC SPECIFICATIONS
Intrapair (+ to −) Differential Input Skew, TDPS
Full
IV
360
ps
Channel-to-Channel Differential Input Skew,
TCCS
Full
IV
1.0
Clock
period
Low-to-High Transition Time for Data and
Controls, DLHT
Output drive = high; CL = 10 pF
Full
IV
2.5
ns
Output drive = med; CL = 7 pF
Full
IV
3.1
ns
Output drive = low; CL = 5 pF
Full
IV
5.4
ns


同様の部品番号 - AD9887A

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887AKS-100 AD-AD9887AKS-100 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887AKS-140 AD-AD9887AKS-140 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887AKS-170 AD-AD9887AKS-170 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887AKSZ-100 AD-AD9887AKSZ-100 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
More results

同様の説明 - AD9887A

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com