データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1073ARUZ データシート(PDF) 1 Page - Analog Devices

部品番号 ADM1073ARUZ
部品情報  Full-Feature ??8 V Hot Swap Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1073ARUZ データシート(HTML) 1 Page - Analog Devices

  ADM1073ARUZ Datasheet HTML 1Page - Analog Devices ADM1073ARUZ Datasheet HTML 2Page - Analog Devices ADM1073ARUZ Datasheet HTML 3Page - Analog Devices ADM1073ARUZ Datasheet HTML 4Page - Analog Devices ADM1073ARUZ Datasheet HTML 5Page - Analog Devices ADM1073ARUZ Datasheet HTML 6Page - Analog Devices ADM1073ARUZ Datasheet HTML 7Page - Analog Devices ADM1073ARUZ Datasheet HTML 8Page - Analog Devices ADM1073ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Full-Feature −48 V Hot Swap Controller
Data Sheet
ADM1073
Rev. B
Document Feedback
InformationfurnishedbyAnalogDevicesisbelievedtobeaccurateandreliable.However,no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
licenseisgrantedbyimplicationorotherwiseunderanypatentorpatentrightsofAnalogDevices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2004–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Precision inrush linear current limit
Soft start inrush current limit profiling
Precision maximum on-time in current limit
Maximum on-time modulated by FET drain voltage for
additional SOA protection
Adjustable PWM retry scheme and multiple device cascading
capability for charging large capacitive loads
Limited number of PWM cycles for FET SOA protection under
short circuit condition
Ability to configure device as continuous autoretry with a
5-second cooling period
Shunt regulator topology to allow very large transient input
supplies
Separate UV and OV pins for programming allowable input
supply window
Programmable OV hysteresis using current source into pin
when supply is high
Programmable UV hysteresis using current sink from pin
when supply is low
PWRGD output indicates when capacitor charging complete
SPLYGD output indicates when supply is within
valid window
LATCHED output indicates the end of the retry cycle before
load capacitance is charged
SHDN input for user-commanded shutdown
RESTART input for user-triggered 5-second shutdown and
autorestart— virtual card reseat
FUNCTIONAL BLOCK DIAGRAM
FAULT TIMER
AND CONTROL
OSCILLATOR
PWM
TIMEOUT
FOLDBACK
AND PWRGD
5 SECOND
SHUTDOWN
tON CONTROL
SOFT START
CONTROL
UNDERVOLTAGE
DETECTOR
OVERVOLTAGE
DETECTOR
VCC AND
REFERENCE
GENERATOR
LATCHED
RESTART
SPLYGD
VIN
OV
UV
SS
TIMER
SHDN
VEE
SENSE
GATE
DRAIN
PWRGD
100mV(MAX)
50
∝A
VIN
Figure 1.
APPLICATIONS
Central office switching
Telecommunication and data communication equipment
−48 V distributed power systems
Negative power supply control
High availability servers
−48 V power supply modules
Disk arrays
GENERAL DESCRIPTION
The ADM1073 is a full-feature, negative voltage, hot swap
controller that allows boards to be safely inserted and removed
from a live −48 V backplane. The part provides precise and
robust current limiting, and protection against both transient
and nontransient short circuits in overvoltage and undervoltage
conditions. The ADM1073 can operate from a negative voltage
of −18 V to −80 V and can tolerate transient voltages of up to
−200 V.
Inrush current is limited to a programmable value by control-
ling the gate drive of an external N-channel FET. The maximum
current limit is set by the choice of the sense resistor, RSENSE.
A built-in soft start function allows control of the inrush
current profile by an external capacitor on the soft start (SS)
pin.
An external capacitor on the TIMER pin determines the time
for which the FET gate is controlled to be high when maximum
inrush current flows. The ADM1073 employs a limited consec-
utive retry scheme, whereby, if the load capacitance is not fully
charged within one attempt, the FET gate is pulled low and
retries after a cooling period.
(continued on Page 3)


同様の部品番号 - ADM1073ARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL AD-ADM1073ARUZ-REEL Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073ARUZ-REEL7 AD-ADM1073ARUZ-REEL7 Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
More results

同様の説明 - ADM1073ARUZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1073 AD-ADM1073 Datasheet
305Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. 0
ADM1073ARUZ AD-ADM1073ARUZ Datasheet
376Kb / 24P
   Full-Feature ??8 V Hot Swap Controller
REV. B
ADM1073 AD-ADM1073_15 Datasheet
376Kb / 24P
   Full-Feature 48 V Hot Swap Controller
REV. B
logo
Texas Instruments
TPS23521 TI1-TPS23521 Datasheet
719Kb / 29P
[Old version datasheet]   ??8 V High Performance Hot Swap Controller
logo
Analog Devices
ADM1075 AD-ADM1075 Datasheet
745Kb / 52P
   ??8 V Hot Swap Controller and Digital
REV. A
ADM1070 AD-ADM1070 Datasheet
367Kb / 16P
   -48 V Hot Swap Controller
REV. 0
ADM1070 AD-ADM1070_15 Datasheet
341Kb / 16P
   48 V Hot Swap Controller
REV. 0
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com