データシートサーチシステム |
|
AD574A データシート(PDF) 8 Page - Analog Devices |
|
AD574A データシート(HTML) 8 Page - Analog Devices |
8 / 12 page AD574A REV. B –8– The full-scale trim is done by applying a signal 1 1/2 LSB below the nominal full scale (9.9963 for a 10 V range). Trim R2 to give the last transition (1111 1111 1110 to 1111 1111 1111). BIPOLAR OPERATION The connections for bipolar ranges are shown in Figure 5. Again, as for the unipolar ranges, if the offset and gain specifica- tions are sufficient, one or both of the trimmers shown can be replaced by a 50 Ω ± 1% fixed resistor. Bipolar calibration is similar to unipolar calibration. First, a signal 1/2 LSB above negative full scale (–4.9988 V for the ±5 V range) is applied and R1 is trimmed to give the first transition (0000 0000 0000 to 0000 0000 0001). Then a signal 1 1/2 LSB below positive full scale (+4.9963 V the ±5 V range) is applied and R2 trimmed to give the last transition (1111 11111110 to 1111 1111 1111). 9 14 13 12 8 10 6 5 4 3 2 28 15 11 7 1 27 24 19 16 23 20 AD574A STS HIGH BIT MIDDLE BITS LOW BITS +5V +15V –15V DIG COM 12/8 CS AO R/C CE REF IN REF OUT BIP OFF 10VIN 20VIN ANA COM GAIN R2 100 Ω ANALOG INPUTS 5V R1 100 Ω 10V OFFSET Figure 5. Bipolar Input Connections CONTROL LOGIC The AD574A contains on-chip logic to provide conversion ini- tiation and data read operations from signals commonly avail- able in microprocessor systems. Figure 6 shows the internal logic circuitry of the AD574A. The control signals CE, CS, and R/C control the operation of the converter. The state of R/C when CE and CS are both asserted determines whether a data read (R/C = 1) or a convert (R/C = 0) is in progress. The register control inputs AO and 12/8 control conversion length and data format. The AO line is usually tied to the least significant bit of the address bus. If a conversion is started with AO low, a full 12-bit conversion cycle is initiated. If AO is high during a convert start, a shorter 8-bit conversion cycle results. During data read operations, AO deter- mines whether the three-state buffers containing the 8 MSBs of the conversion result (AO = 0) or the 4 LSBs (AO = 1) are enabled. The 12/8 pin determines whether the output data is to be organized as two 8-bit words (12/8 tied to DIGITAL COMMON) or a single 12-bit word (12/8 tied to VLOGIC). The 12/8 pin is not TTL-compatible and must be hard-wired to either VLOGIC or DIGITAL COMMON. In the 8-bit mode, the byte addressed when AO is high contains the 4 LSBs from the conversion followed by four trailing zeroes. This organization allows the data lines to be overlapped for direct interface to 8-bit buses without the need for external three-state buffers. It is not recommended that AO change state during a data read operation. Asymmetrical enable and disable times of the three-state buffers could cause internal bus contention resulting in potential damage to the AD574A. READ CONVERT LOW IF CONVERSION IN PROGRESS VALUE OF A0 AT LAST CONVERT COMMAND EOC8 EOC12 FROM NOTE 1 NIBBLE A, B, ENABLE NIBBLE C ENABLE NIBBLE B = O ENABLE TO OUTPUT BUFFERS START CONVERT STATUS R/C CE CS A0 12/8 (NOTE 2) NOTE 1: WHEN START CONVERT GOES LOW, THE EOC (END OF CONVERSION) SIGNALS GO LOW. EOC8 RETURNS HIGH AFTER AN 8-BIT CONVERSION CYCLE IS COMPLETE, AND EOC12 RETURNS HIGH WHEN ALL 12-BITS HAVE BEEN CONVERTED. THE EOC SIGNALS PREVENT DATA FROM BEING READ DURING CONVERSIONS. NOTE 2: 12/8 IS NOT A TTL-COMPATABLE INPUT AND SHOULD ALWAYS BE WIRED DIRECTLY TO VLOGIC OR DIGITAL COMMON. Figure 6. AD574A Control Logic An output signal, STS, indicates the status of the converter. STS goes high at the beginning of a conversion and returns low when the conversion cycle is complete. Table I. AD574A Truth Table CE CS R/C 12/8 AO Operation 0 X X X X None X 1 X X X None 1 0 0 X 0 Initiate 12-Bit Conversion 1 0 0 X 1 Initiate 8-Bit Conversion 1 0 1 Pin 1 X Enable 12-Bit Parallel Output 1 0 1 Pin 15 0 Enable 8 Most Significant Bits 1 0 1 Pin 15 1 Enable 4 LSBs + 4 Trailing Zeroes TIMING The AD574A is easily interfaced to a wide variety of micropro- cessors and other digital systems. The following discussion of the timing requirements of the AD574A control signals should provide the system designer with useful insight into the opera- tion of the device. Table II. Convert Start Timing—Full Control Mode Symbol Parameter Min Typ Max Units tDSC STS Delay from CE 400 ns tHEC CE Pulse Width 300 ns tSSC CS to CE Setup 300 ns tHSC CS Low During CE High 200 ns tSRC R/C to CE Setup 250 ns tHRC R/C Low During CE High 200 ns tSAC AO to CE Setup 0 ns tHAC AO Valid During CE High 300 ns tC Conversion Time 8-Bit Cycle 10 24 µs 12-Bit Cycle 15 35 µs |
同様の部品番号 - AD574A |
|
同様の説明 - AD574A |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |