データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD574AJX データシート(PDF) 11 Page - Analog Devices

部品番号 AD574AJX
部品情報  Complete 12-Bit A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD574AJX データシート(HTML) 11 Page - Analog Devices

Back Button AD574AJX Datasheet HTML 4Page - Analog Devices AD574AJX Datasheet HTML 5Page - Analog Devices AD574AJX Datasheet HTML 6Page - Analog Devices AD574AJX Datasheet HTML 7Page - Analog Devices AD574AJX Datasheet HTML 8Page - Analog Devices AD574AJX Datasheet HTML 9Page - Analog Devices AD574AJX Datasheet HTML 10Page - Analog Devices AD574AJX Datasheet HTML 11Page - Analog Devices AD574AJX Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD574A
REV. B
–11–
Figure 15. Z80—AD574A Interface
Figure 16. Wait State Generator
IBM PC Interface
The AD574A appears in Figure 17 interfaced to the 4 MHz
8088 processor of an IBM PC. Since the device resides in I/O
space, its address is decoded from only the lower ten address
lines and must be gated with AEN (active low) to mask out in-
ternal DMA cycles which use the same I/O address space. This
active low signal is applied to CS. IOR and IOW are used to
initiate the conversion and read, and are gated together to drive
the chip enable, CE. Because the data bus width is limited to
8 bits, the AD574A data resides in two adjacent addresses
selected by A0.
Figure 17. IBM PC—AD574A Interface
Note: Due to the large number of options that may be installed
in the PC, the I/O bus loading should be limited to one Schottky
TTL load. Therefore, a buffer/driver should be used when inter-
facing more than two AD574As to the I/O bus.
8086 Interface
The data mode select pin (12/8) of the AD574A should be con-
nected to VLOGIC to provide a 12-bit data output. To prevent
possible bus contention, a demultiplexed and buffered address/
data bus is recommended. In the cases where the 8-bit short
conversion cycle is not used, A0 should be tied to digital com-
mon. Figure 18 shows a typical 8086 configuration.
Figure 18. 8086—AD574A with Buffered Bus lnterface
For clock speeds greater than 4 MHz wait state insertion similar
to Figure 16 is recommended to ensure sufficient CE and R/C
pulse duration.
The AD574A can also be interfaced in a stand-alone mode (see
Figure 13). A low going pulse derived from the 8086’s WR sig-
nal logically ORed with a low address decode starts the conver-
sion. At the end of the conversion, STS clocks the data into the
three-state latches.
68000 Interface
The AD574, when configured in the stand-alone mode, will eas-
ily interface to the 4 MHz version of the 68000 microprocessor.
The 68000 R/W signal combined with a low address decode ini-
tiates conversion. The UDS or LDS signal, with the decoded
address, generates the DTACK input to the processor, latching
in the AD574A’s data. Figure 19 illustrates this configuration.
Figure 19. 68000—AD574A Interface


同様の部品番号 - AD574AJX

メーカー部品番号データシート部品情報
logo
Analog Devices
AD574AJ AD-AD574AJ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJ AD-AD574AJ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJ AD-AD574AJ Datasheet
781Kb / 12P
   Complete 12-Bit Converter
REV. B
AD574AJ AD-AD574AJ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJ AD-AD574AJ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
More results

同様の説明 - AD574AJX

メーカー部品番号データシート部品情報
logo
Analog Devices
AD574AKD AD-AD574AKD Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJDZ AD-AD574AJDZ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574A AD-AD574A Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574AJPZ AD-AD574AJPZ Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD5452YUJZ-REEL7 AD-AD5452YUJZ-REEL7 Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574A AD-AD574A_15 Datasheet
781Kb / 12P
   COMPLETE 12 BIT A/D CONVERTER
REV. B
AD574AJP AD-AD574AJP Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD574ATD-883B AD-AD574ATD-883B Datasheet
781Kb / 12P
   Complete 12-Bit A/D Converter
REV. B
AD370 AD-AD370_15 Datasheet
1Mb / 5P
   COMPLETE LOW POWER 12 BIT D/A CONVERTER
AD871 AD-AD871_15 Datasheet
382Kb / 16P
   Complete 12-Bit 5 MSPS Monolithic A/D Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com