データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPA6011A4PWPRG4 データシート(PDF) 3 Page - Texas Instruments

部品番号 TPA6011A4PWPRG4
部品情報  3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TPA6011A4PWPRG4 データシート(HTML) 3 Page - Texas Instruments

  TPA6011A4PWPRG4 Datasheet HTML 1Page - Texas Instruments TPA6011A4PWPRG4 Datasheet HTML 2Page - Texas Instruments TPA6011A4PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA6011A4PWPRG4 Datasheet HTML 4Page - Texas Instruments TPA6011A4PWPRG4 Datasheet HTML 5Page - Texas Instruments TPA6011A4PWPRG4 Datasheet HTML 6Page - Texas Instruments TPA6011A4PWPRG4 Datasheet HTML 7Page - Texas Instruments TPA6011A4PWPRG4 Datasheet HTML 8Page - Texas Instruments TPA6011A4PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
OPERATING CHARACTERISTICS
TPA6011A4
SLOS392A – FEBRUARY 2002 – REVISED JULY 2004
T
A = 25°C, VDD = PVDD = 5.5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 5.5 V, Gain = 0 dB, SE/BTL = 0 V
30
mV
| VOO |
Output offset voltage (measured differentially)
VDD = 5.5 V, Gain = 20 dB, SE/BTL = 0 V
50
mV
PSRR
Power supply rejection ratio
VDD = PVDD = 4.0 V to 5.5 V
-42
-70
dB
High-level input current (SE/BTL, FADE, HP/LINE,
VDD = PVDD = 5.5 V,
| IIH |
1
µA
SHUTDOWN, SEDIFF, SEMAX, VOLUME)
VI = VDD = PVDD
Low-level input current (SE/BTL, FADE, HP/LINE,
| IIL |
VDD = PVDD = 5.5 V, VI = 0 V
1
µA
SHUTDOWN, SEDIFF, SEMAX, VOLUME)
VDD = PVDD = 5.5 V, SE/BTL = 0 V,
6.0
7.5
9.0
SHUTDOWN = 2 V
IDD
Supply current, no load
mA
VDD = PVDD = 5.5 V, SE/BTL = 5.5 V,
3.0
5
6
SHUTDOWN = 2 V
VDD = 5 V = PVDD, SE/BTL = 0 V,
IDD
Supply current, max power into a 3-
Ω load
SHUTDOWN = 2 V, RL = 3Ω,
1.5
ARMS
PO = 2 W, stereo
IDD(SD)
Supply current, shutdown mode
SHUTDOWN = 0.0 V
1
20
µA
T
A = 25°C, VDD = PVDD = 5 V, RL = 3 Ω, Gain = 6 dB (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 1%, f = 1 kHz
2
PO
Output power
W
THD = 10%, f = 1 kHz, VDD = 5.5 V
3
THD+N
Total harmonic distortion + noise
PO = 1 W, RL = 8 Ω , f = 20 Hz to 20 kHz
<0.4%
VOH
High-level output voltage
RL = 8 Ω, Measured between output and VDD
700
mV
VOL
Low-level output voltage
RL = 8 Ω, Measured between output and GND
400
mV
V(Bypass Bypass voltage (Nominally VDD/2)
Measured at pin 17, No load, VDD = 5.5 V
2.65
2.75
2.85
V
)
BOM
Maximum output power bandwidth
THD = 5%
>20
kHz
BTL
-63
dB
Supply ripple rejection ratio
f = 1 kHz, Gain = 0 dB, C(BYP) = 0.47 µF
SE
-57
dB
f = 20 Hz to20 kHz, Gain = 0 dB,
Noise output voltage
BTL
36
µVRMS
C(BYP) = 0.47 µF
ZI
Input impedance (see Figure 26)
VOLUME = 5.0 V
14
k
3


同様の部品番号 - TPA6011A4PWPRG4

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPA6011A4PWP TI-TPA6011A4PWP Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
More results

同様の説明 - TPA6011A4PWPRG4

メーカー部品番号データシート部品情報
logo
Eutech Microelectronics...
EUA6019 EUTECH-EUA6019 Datasheet
785Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6012A4 TI-TPA6012A4 Datasheet
668Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6011A4 TI-TPA6011A4 Datasheet
529Kb / 31P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6011A EUTECH-EUA6011A Datasheet
809Kb / 20P
   3-W Stereo Audio Power Amplifier with Advanced DC Volume Control
logo
Texas Instruments
TPA6013A4 TI1-TPA6013A4_16 Datasheet
1Mb / 30P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4PWP TI1-TPA6013A4PWP Datasheet
499Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
TPA6013A4 TI-TPA6013A4 Datasheet
643Kb / 28P
[Old version datasheet]   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Unisonic Technologies
PA3011 UTC-PA3011 Datasheet
234Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Eutech Microelectronics...
EUA6029 EUTECH-EUA6029 Datasheet
673Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
EUA6021A EUTECH-EUA6021A Datasheet
665Kb / 16P
   2.5-W Stereo Audio Power Amplifier with Advanced DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com