データシートサーチシステム |
|
AD7537KN データシート(PDF) 1 Page - Analog Devices |
|
AD7537KN データシート(HTML) 1 Page - Analog Devices |
1 / 10 page FUNCTIONAL BLOCK DIAGRAM REV. Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a LC2MOS (8+4) Loading Dual 12-Bit DAC AD7537 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: Fax: FEATURES Two 12-Bit DACs in One Package DAC Ladder Resistance Matching: 0.5% Space Saving Skinny DIP and Surface Mount Packages 4-Quadrant Multiplication Low Gain Error (1 LSB max Over Temperature) Byte Loading Structure Fast Interface Timing APPLICATIONS Automatic Test Equipment Programmable Filters Audio Applications Synchro Applications Process Control GENERAL DESCRIPTION The AD7537 contains two 12-bit current output DACs on one monolithic chip. A separate reference input is provided for each DAC. The dual DAC saves valuable board space, and the monolithic construction ensures excellent thermal tracking. Both DACs are guaranteed 12-bit monotonic over the full tem- perature range. The AD7537 has a 2-byte (8 LSBs, 4 MSBs) loading structure. It is designed for right-justified data format. The control signals for register loading are A0, A1, CS, WR and UPD. Data is loaded to the input registers when CS and WR are low. To transfer this data to the DAC registers, UPD must be taken low with WR. Added features on the AD7537 include an asynchronous CLR line which is very useful in calibration routines. When this is taken low, all registers are cleared. The double buffering of the data inputs allows simultaneous update of both DACs. Also, each DAC has a separate AGND line. This increases the device versatility; for instance one DAC may be operated with AGND biased while the other is connected in the standard configuration. The AD7537 is manufactured using the Linear Compatible CMOS (LC 2MOS) process. It is speed compatible with most microprocessors and accepts TTL, 74HC and 5 V CMOS logic level inputs. PRODUCT HIGHLIGHTS 1. DAC to DAC Matching: Since both DACs are fabricated on the same chip, precise matching and tracking is inherent. Many applications which are not practical using two discrete DACs are now possible. Typical matching: 0.5%. 2. Small Package Size: The AD7537 is packaged in small 24-pin 0.3" DIPs and in 28-terminal surface mount packages. 3. Wide Power Supply Tolerance: The device operates on a +12 V to +15 V VDD, with ±10% tolerance on this nominal figure. All specifications are guaranteed over this range. A 781/329-4700 781/461-3113 |
同様の部品番号 - AD7537KN |
|
同様の説明 - AD7537KN |