データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBAT160-HF データシート(PDF) 1 Page - Comchip Technology

部品番号 CDBAT160-HF
部品情報  SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAT160-HF データシート(HTML) 1 Page - Comchip Technology

  CDBAT160-HF Datasheet HTML 1Page - Comchip Technology CDBAT160-HF Datasheet HTML 2Page - Comchip Technology CDBAT160-HF Datasheet HTML 3Page - Comchip Technology CDBAT160-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1
REV:A
QW-JB042
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
Dimensions in inches and (millimeter)
2010/DO-214AC
0.020
(0.50)
0.090 (2.30)
0.181 (4.60)
0.173 (4.40)
0.083 (2.10)
0.046 (1.16)
0.034 (0.86)
0.045 (1.15)
0.030 (0.75)
0.045 (1.15)
0.030 (0.75)
Parameter
Unit
Maximum Ratings (At Ta=25°C, unless otherwise noted)
Non-repetitive peak reverse voltage
Average forward current
Operating junction temperature range
Storage temperature
Symbol
CDBAT120-HF
CDBAT140-HF
CDBAT160-HF
VRM
IF(AV)
IFSM
TJ
TSTG
20
40
1.0
30
-55 to +125
-55 ~ +150
60
V
A
A
°C
°C
Electrical Characteristics (At Ta=25°C, unless otherwise noted)
CDBAT1100-HF
100
Peak forward surge current
@8.3ms single half sine-wave
-55 to +150
Notes: (1) Pulse test width pw=300usec, 1% duty cycle.
(2) Mounted on P.C. board with 0.2*0.2”(5.0*5.0mm) copper pad areas.
Forward current: 1.0A
Reverse voltage: 20 to 100V
RoHS Device
Features
-Low power loss, High efficiency.
-High current capability, low VF
Mechanical Data
-Polarity: Laser cathode band marking.
-Weight: 0.02 gram (approx).
Halogen Free
-Plastic package has underwriters laboratory
flammability classification 94V-0.
-Case: Packed with FRP substrate and epoxy underfilled.
-Terminals: Pure Tin plated (Lead-Free),solderable
per MIL-STD-750, method 2026.
CDBAT120-HF Thru. CDBAT1100-HF
Circuit diagram
-Lead less chip form, no lead damage.
SMD Schottky Barrier Rectifiers
Parameter
Unit
Reverse peak reverse current (Note1)
Forward voltage (Note1)
Symbol
Typ.
Max.
mA
V
ºC/W
Conditions
CDBAT160-HF
Junction to lead (Note 2)
IRRM
VF
0.20
0.34
0.41
0.47
0.38
0.48
0.60
VR=Max.VRRM, Ta=25°C
IF=0.1A
IF=0.5A
IF=1.0A
IF=0.1A
IF=0.5A
IF=1.0A
CDBAT1100-HF
IF=0.1A
IF=0.5A
IF=1.0A
Min.
0.50
0.70
0.45
0.63
0.76
0.85
Type
Junction capacitance
pF
Cj
VR=4V, f=1.0MHz
0.02
28
110
Thermal resistance
RΘJA
Junction to ambient (Note 2)
88
RΘJL
ºC/W
CDBAT120-HF
CDBAT140-HF
/
-
-
-
-
-
-
x
-Packing: 3,000 pieces per 7” reel.
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-


同様の部品番号 - CDBAT160-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBAT120-HF COMCHIP-CDBAT120-HF Datasheet
512Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT120-HF COMCHIP-CDBAT120-HF_15 Datasheet
512Kb / 4P
   SMD Schottky Barrier Rectifiers
More results

同様の説明 - CDBAT160-HF

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBZ320200-HF COMCHIP-CDBZ320200-HF Datasheet
480Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBAT320-HF COMCHIP-CDBAT320-HF_15 Datasheet
661Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBMHS240-HF COMCHIP-CDBMHS240-HF Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
logo
Diode Semiconductor Kor...
SL22B DSK-SL22B Datasheet
93Kb / 2P
   SMD SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
   SMD Schottky Barrier Rectifiers
CDBA120-HF COMCHIP-CDBA120-HF Datasheet
69Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBA260-HF COMCHIP-ACDBA260-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
ACDBC540-HF COMCHIP-ACDBC540-HF Datasheet
110Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
   SMD Schottky Barrier Rectifiers
CDBM120-HF COMCHIP-CDBM120-HF_12 Datasheet
94Kb / 4P
   SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com