データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD743JR-16-REEL データシート(PDF) 9 Page - Analog Devices

部品番号 AD743JR-16-REEL
部品情報  Ultralow Noise BiFET Op Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD743JR-16-REEL データシート(HTML) 9 Page - Analog Devices

Back Button AD743JR-16-REEL Datasheet HTML 4Page - Analog Devices AD743JR-16-REEL Datasheet HTML 5Page - Analog Devices AD743JR-16-REEL Datasheet HTML 6Page - Analog Devices AD743JR-16-REEL Datasheet HTML 7Page - Analog Devices AD743JR-16-REEL Datasheet HTML 8Page - Analog Devices AD743JR-16-REEL Datasheet HTML 9Page - Analog Devices AD743JR-16-REEL Datasheet HTML 10Page - Analog Devices AD743JR-16-REEL Datasheet HTML 11Page - Analog Devices AD743JR-16-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REV. E
AD743
–9–
HOW CHIP PACKAGE TYPE AND POWER DISSIPATION
AFFECT INPUT BIAS CURRENT
As with all JFET input amplifiers, the input bias current of
the AD743 is a direct function of device junction temperature,
IB approximately doubling every 10
°C. Figure 8 shows the rela-
tionship between the bias current and the junction temperature
for the AD743. This graph shows that lowering the junction
temperature will dramatically improve IB.
–60
–40
–20
0
20
40
60
80
100
120
140
10–12
10–11
10–10
10–9
10–8
10–7
10–6
JUNCTION TEMPERATURE ( C)
TA = 25 C
VS = ±15V
Figure 8. Input Bias Current vs. Junction Temperature
The dc thermal properties of an IC can be closely approximated
by using the simple model of Figure 9, where current represents
power dissipation, voltage represents temperature, and resistors
represent thermal resistance ( in
°C/W).
TA
PIN
PIN = DEVICE DISSIPATION
TA = AMBIENT TEMPERATURE
TJ = JUNCTION TEMPERATURE
JC = THERMAL RESISTANCE—JUNCTION TO CASE
CA = THERMAL RESISTANCE—CASE TO AMBIENT
JA
TJ
CA
JC
Figure 9. Device Thermal Model
From this model, TJ = TA + JA PIN. Therefore, IB can be deter-
mined in a particular application by using Figure 8 together with
the published data for JA and power dissipation. The user can
modify JA by using of an appropriate clip-on heat sink, such as
the Aavid No. 5801. JA is also a variable when using the AD743
in chip form. Figure 10 shows the bias current versus the supply
voltage with JA as the third variable. This graph can be used to
predict bias current after JA has been computed. Again, bias cur-
rent will double for every 10
°C. The designer using the AD743
in chip form (Figure 11) must also be concerned with both
JC and
CA, since
JC can be affected by the type of die mount
technology used.
Typically, JC will be in the 3
°C/W to 5°C/W range; therefore,
for normal packages, this small power dissipation level may be
ignored. But, with a large hybrid substrate, JC will dominate
proportionately more of the total JA.
SUPPLY VOLTAGE ( V)
300
0
515
10
200
100
TA = +25 C
JA = 165 C/W
JA = 0 C/W
JA = 115 C/W
Figure 10. Input Bias Current vs. Supply Voltage
for Various Values of JA
(DIE MOUNT
TO CASE)
(J TO
DIE MOUNT)
A
A +
B =
JC
B
CASE
TA
TJ
Figure 11. Breakdown of Various Package Thermal
Resistances
REDUCED POWER SUPPLY OPERATION FOR LOWER IB
Reduced power supply operation lowers IB in two ways: first, by
lowering both the total power dissipation and second, by reduc-
ing the basic gate-to-junction leakage (Figure 10). Figure 12
shows a 40 dB gain piezoelectric transducer amplifier, which
operates without an ac-coupling capacitor over the –40
°C to
+85
°C temperature range. If the optional coupling capacitor is
used, this circuit will operate over the entire –55
°C to +125°C
military temperature range.
AD743
*OPTIONAL DC BLOCKING CAPACITOR
**OPTIONAL, SEE TEXT
TRANSDUCER
CT
C1*
CT**
10k
100
108 **
108
+5V
–5V
Figure 12. Piezoelectric Transducer


同様の部品番号 - AD743JR-16-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR-16-REEL AD-AD743JR-16-REEL Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
More results

同様の説明 - AD743JR-16-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
AD743 AD-AD743_03 Datasheet
268Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743JR AD-AD743JR Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743 Datasheet
309Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. C
AD743JRZ-16 AD-AD743JRZ-16 Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743 AD-AD743_15 Datasheet
296Kb / 12P
   Ultralow Noise BiFET Op Amp
Rev. E
AD743AN AD-AD743AN Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD743SQ AD-AD743SQ Datasheet
230Kb / 12P
   Ultralow Noise BiFET Op Amp
REV. E
AD745JR AD-AD745JR Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745SQ AD-AD745SQ Datasheet
343Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
AD745KRZ-16 AD-AD745KRZ-16 Datasheet
325Kb / 12P
   Ultralow Noise, High Speed, BiFET Op Amp
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com