データシートサーチシステム |
|
5-104656-3 データシート(PDF) 8 Page - Tyco Electronics |
|
5-104656-3 データシート(HTML) 8 Page - Tyco Electronics |
8 / 321 page 8 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 Germany: 49-6251-133-1999 CIS WR 08/2011 millimeters unless otherwise reference purposes only. Canada: 1-905-475-6222 China: 86-400-820-6015 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 te.com are metric equivalents. to change. L. & S. America: 54-11-4733-2200 UK: 44-800-267-666 AMPMODU Interconnection System 1 PC/104-Plus, Press-Fit 2.37 [60.30] .315 [8.00] Plugged Circuit (-3 or -6 only) Plugged Circuit (-2 or -5 only) .015 [0.39] Sq. Typ. .020 [0.51] Typ. .079 [2.00] .368 [9.35] .483 ±.013 [12.27 ±0.34] Typ. Typ. .079 [2.00] .236 [6.00] 2.28 [58.0] Recommended PC Board Layout for 1375799-1, 1375799-4, 1375800-1, 1375800-4 .236 [6.00] 2.28 [58.0] Recommended PC Board Layout for 1375799-2, 1375799-5, 1375800-2, 1375800-5 .236 [6.00] 2.28 [58.0] Recommended PC Board Layout for 1375799-3, 1375799-6, 1375800-3, 1375800-6 Typ. .079 [2.00] .368 [9.35] .112 ±.013 [2.85 ±0.34] Typ. Typ. .079 [2.00] 2.37 [60.30] .315 [8.00] Plugged Circuit (-3 or -6 only) Plugged Circuit (-2 or -5 only) .015 [0.39] See Customer Drawing for Hole Geometry and Recommended Plating. (Including ENIG plated PCB's) Stackthrough, No Standoffs Gold plated contacts* Part No. 1375799-1 (unkeyed) Part No. 1375799-2 (keyed-A1) per PC/104-Plus specification Part No. 1375799-3 (keyed-D30) per PC/104-Plus specification Gold plated contacts with Tin plated compliant pin section** Part No. 1375799-4 (unkeyed) Part No. 1375799-5 (keyed-A1) per PC/104-Plus specification Part No. 1375799-6 (keyed-D30) per PC/104-Plus specification Non-Stackthrough, No Standoffs Tin-lead plated tails* Part No. 1375800-1 (unkeyed) Part No. 1375800-2 (keyed-A1) per PC/104-Plus specification Part No. 1375800-3 (keyed-D30) per PC/104-Plus specification Matte tin plated tails** Part No. 1375800-4 (unkeyed) Part No. 1375800-5 (keyed-A1) per PC/104-Plus specification Part No. 1375800-6 (keyed-D30) per PC/104-Plus specification Note: All part numbers are RoHS compliant. * For RoHS exempt Tin-lead processes (including ENIG Plated PCB’s) ** for Silver Immersion processes or where a total lead free solution is desired Material and Finish Housing — Glass filled thermoplastic, Black, 94V-0 rated Contacts Stackthrough — Phosphor Bronze; plated .000015 [0.00038] min. Gold on mating receptacle end, .000005 [0.000130] min. Gold on remainder, all over .000050 [0.00127] Nickel or Phosphor Bronze; plated .000015 [0.00038] min. Gold on mating receptacle end, .000100-.000200 [0.000254-.00508] matte tin on compliant section, .000005 {0.000130] min. Gold on remainder of post, all over .000050 [0.00127] Nickel Non-Stackthrough — Phosphor Bronze; plated .000015 [0.00038] min. Gold on mating receptacle end, .000100 [0.00254] matte tin or tin-lead on remainder, all over .000050 [0.00127] Nickel Screwlocks — Steel, Clear Chromate over Zinc |
同様の部品番号 - 5-104656-3 |
|
同様の説明 - 5-104656-3 |