データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BC549 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 BC549
部品情報  Switching and Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC549 データシート(HTML) 1 Page - Fairchild Semiconductor

  BC549 Datasheet HTML 1Page - Fairchild Semiconductor BC549 Datasheet HTML 2Page - Fairchild Semiconductor BC549 Datasheet HTML 3Page - Fairchild Semiconductor BC549 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BC546
: BC547/550
: BC548/549
80
50
30
V
V
V
VCEO
Collector-Emitter Voltage : BC546
: BC547/550
: BC548/549
65
45
30
V
V
V
VEBO
Emitter-Base Voltage
: BC546/547
: BC548/549/550
6
5
V
V
IC
Collector Current (DC)
100
mA
PC
Collector Power Dissipation
500
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB=30V, IE=0
15
nA
hFE
DC Current Gain
VCE=5V, IC=2mA
110
800
VCE (sat)
Collector-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
90
200
250
600
mV
mV
VBE (sat)
Base-Emitter Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
700
900
mV
mV
VBE (on)
Base-Emitter On Voltage
VCE=5V, IC=2mA
VCE=5V, IC=10mA
580
660
700
720
mV
mV
fT
Current Gain Bandwidth Product
VCE=5V, IC=10mA, f=100MHz
300
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
3.5
6
pF
Cib
Input Capacitance
VEB=0.5V, IC=0, f=1MHz
9
pF
NF
Noise Figure
: BC546/547/548
: BC549/550
: BC549
: BC550
VCE=5V, IC=200µA
f=1KHz, RG=2KΩ
VCE=5V, IC=200µA
RG=2KΩ, f=30~15000MHz
2
1.2
1.4
1.4
10
4
4
3
dB
dB
dB
dB
Classification
A
B
C
hFE
110 ~ 220
200 ~ 450
420 ~ 800
BC546/547/548/549/550
Switching and Applications
• High Voltage: BC546, VCEO=65V
• Low Noise: BC549, BC550
• Complement to BC556 ... BC560
1. Collector 2. Base 3. Emitter
TO-92
1


同様の部品番号 - BC549

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BC549 PHILIPS-BC549 Datasheet
44Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
SEMTECH ELECTRONICS LTD...
BC549 SEMTECH_ELEC-BC549 Datasheet
139Kb / 2P
   NPN Silicon Epitaxial Planar Transistor
logo
ARTSCHIP ELECTRONICS CO...
BC549 ARTSCHIP-BC549 Datasheet
179Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Semtech Corporation
BC549 SEMTECH-BC549 Datasheet
371Kb / 5P
   NPN Silicon Epitaxial Planar Transistor
logo
NXP Semiconductors
BC549 NXP-BC549 Datasheet
248Kb / 7P
   NPN general purpose transistors
2004 Oct 11
More results

同様の説明 - BC549

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
BC550CBU FAIRCHILD-BC550CBU Datasheet
50Kb / 4P
   Switching and Applications
BC546BTA FAIRCHILD-BC546BTA Datasheet
50Kb / 4P
   Switching and Applications
BC547BTA FAIRCHILD-BC547BTA Datasheet
55Kb / 4P
   Switching and Applications
BC549CTA FAIRCHILD-BC549CTA Datasheet
50Kb / 4P
   Switching and Applications
logo
Unisonic Technologies
BC807 UTC-BC807_09 Datasheet
201Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC846 UTC-BC846_10 Datasheet
238Kb / 5P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
BC640TA FAIRCHILD-BC640TA Datasheet
111Kb / 5P
   Switching and Amplifier Applications
logo
Unisonic Technologies
BC337 UTC-BC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
BC556 UTC-BC556 Datasheet
108Kb / 4P
   SWITCHING AND AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com