データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDBV6-70DWA-G データシート(PDF) 1 Page - Comchip Technology

部品番号 CDBV6-70DWA-G
部品情報  Small Signal Schottky Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COMCHIP [Comchip Technology]
ホームページ  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV6-70DWA-G データシート(HTML) 1 Page - Comchip Technology

  CDBV6-70DWA-G Datasheet HTML 1Page - Comchip Technology CDBV6-70DWA-G Datasheet HTML 2Page - Comchip Technology CDBV6-70DWA-G Datasheet HTML 3Page - Comchip Technology CDBV6-70DWA-G Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBV6-70BRW/DWS/DWC/DWA/TW-G
Features
-Low forward voltage drop.
-Fast switching.
-small surface mount package.
-PN junction guard ring for transient and ESD
protection.
-Available in lead Free version.
Mechanical data
-Case: SOT-363, Molded Plastic
-Case material: UL 94V-0 flammability retardant
classification.
-Terminals: Solderable per MIL-STD-202,
Method 208
-Marking: Orientation: See diagrams below
-Weight: 0.006 grams (approx.)
Page 1
QW-BA008
Small Signal Schottky Diodes
Forward Current: 70mA
Reverse Voltage: 70V
RoHS Device
Maximum Rating (at TA=25 °C unless otherwise noted)
REV:A
O
Electrical Characteristics (at TA=25 C unless otherwise noted)
Parameter
Symbol
Limits
Unit
Parameter
Conditions
Symbol Min Typ Max Unit
SOT-363
Dimensions in inches and (millimeters)
Repetitive peak reverse voltage
Peak working reverse voltage
DC blocking voltage
RMS reverse voltage
Forward continuous current
Non-repetitive peak forward surge current @ t≤1s
Power dissipation
Thermal resistance form junction to ambient
Junction temperature
Reverse voltage
Forward voltage
Reverse current
Total capacitance
Reverse recovery time
0.087(2.20)
0.079(2.00)
0.053(1.35)
0.045(1.15)
0.056(1.40)
0.047(1.20)
0.039(1.00)
0.035(0.90)
0.014(0.35)
0.006(0.15)
0.004(0.10)max
0.096(2.45)
0.085(2.15)
0.006(0.15)
0.003(0.08)
CDBV6-
-G
70DWC
Marking: K71
CDBV6-70TW-G
Marking: K73
CDBV6-
-G
70DWA
Marking: K76
CDBV6-70DWS-G
Marking: K74
4
1
2
CDBV6-70BRW-G
Marking: K75
VRRM
VRWM
VR
VR(RMS)
Io
IFSM
PD
RθJA
TJ
70
49
70
100
200
500
125
V
V
mA
mA
mW
°C/W
°C
IR=10μA
IF=1mA
IF=15mA
VR=50V
VR=0V, f=1MHz
IF=IR=10mA to IR=1mA, Irr=0.1*IR, RL=100Ω
V(BR)
VF
IR
Ctot
trr
70
0.41
1
0.1
2
5
V
V
μA
pF
nS
5
6
3
1
2
3
4
5
6
4
5
6
1
2
3
4
5
6
1
2
3
4
5
6
1
2
3
Storage temperature
TSTG
-55 ~ +150
°C
0.018(0.46)
0.010(0.26)


同様の部品番号 - CDBV6-70DWA-G

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBV6-70BRW-G COMCHIP-CDBV6-70BRW-G Datasheet
137Kb / 4P
   Small Signal Schottky Diodes
More results

同様の説明 - CDBV6-70DWA-G

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com