データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC55VCM416BTGN55 データシート(PDF) 7 Page - Toshiba Semiconductor

部品番号 TC55VCM416BTGN55
部品情報  1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55VCM416BTGN55 データシート(HTML) 7 Page - Toshiba Semiconductor

Back Button TC55VCM416BTGN55 Datasheet HTML 3Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 4Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 5Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 6Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 7Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 8Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 9Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 10Page - Toshiba Semiconductor TC55VCM416BTGN55 Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TC55VCM416BTGN, TC55VCM416BSGN, TC55VEM416BXGN55
TC55YCM416BTGN, TC55YCM416BSGN, TC55YEM416BXGN70
2005-08-09
7/18
AC CHARACTERISTICS AND OPERATING CONDITIONS (Ta = −40° to 85°C)
READ CYCLE
TC55YCM416BTGN/BSGN70
TC55YEM416BXGN70
VDD = 1.8~2.2 V
VDD = 1.65~2.2 V
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
70
85
tACC
Address Access Time
70
85
tCO1
Chip Enable(
1
CE ) Access Time
70
85
tCO2
Chip Enable(CE2) Access Time
70
85
tOE
Output Enable Access Time
35
45
tBA
Data Byte Control Access Time
35
45
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tBE
Data Byte Control Low to Output Active
0
0
tOD
Chip Enable High to Output High-Z
30
35
tODO
Output Enable High to Output High-Z
30
35
tBD
Data Byte Control High to Output High-Z
30
35
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55YCM416BTGN/BSGN70
TC55YEM416BXGN70
VDD = 1.8~2.2 V
VDD = 1.65~2.2 V
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
70
85
tWP
Write Pulse Width
50
60
tCW
Chip Enable to End of Write
55
65
tBW
Data Byte Control to End of Write
55
65
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
30
35
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
30
35
tDH
Data Hold Time
0
0
ns
Note:
tOD, tODO, tBD and tODW are specified in time when an output becomes high impedance, and are not judged depending on
an output voltage level.


同様の部品番号 - TC55VCM416BTGN55

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM208ASTN55 TOSHIBA-TC55VCM208ASTN55 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM216ASTN40 TOSHIBA-TC55VCM216ASTN40 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VCM216ASTN55 TOSHIBA-TC55VCM216ASTN55 Datasheet
201Kb / 14P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

同様の説明 - TC55VCM416BTGN55

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
TC55VEM416AXBN55 TOSHIBA-TC55VEM416AXBN55 Datasheet
208Kb / 14P
   1,048,576-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W1600FT TOSHIBA-TC55W1600FT Datasheet
202Kb / 13P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VBM416AFTN55 TOSHIBA-TC55VBM416AFTN55 Datasheet
204Kb / 14P
   1,048,576-WORD BY 16-BIT/2,097,152-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55V400AFT-70 TOSHIBA-TC55V400AFT-70 Datasheet
173Kb / 11P
   262,144-WORD BY 16-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC551402J TOSHIBA-TC551402J Datasheet
343Kb / 7P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1403J TOSHIBA-TC55V1403J Datasheet
383Kb / 8P
   4,194,304 WORD BY 1-BIT/1,048,576 WORD BY 4 BIT CMOS STATIC RAM
TC55V1664BJ TOSHIBA-TC55V1664BJ_V01 Datasheet
428Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
1998-06-17
TC55V16648BJ TOSHIBA-TC55V16648BJ Datasheet
456Kb / 10P
   65,536-WORD BY 16-BIT CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com