データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD586BR-REEL7 データシート(PDF) 6 Page - Analog Devices

部品番号 AD586BR-REEL7
部品情報  High Precision 5 V Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD586BR-REEL7 データシート(HTML) 6 Page - Analog Devices

Back Button AD586BR-REEL7 Datasheet HTML 2Page - Analog Devices AD586BR-REEL7 Datasheet HTML 3Page - Analog Devices AD586BR-REEL7 Datasheet HTML 4Page - Analog Devices AD586BR-REEL7 Datasheet HTML 5Page - Analog Devices AD586BR-REEL7 Datasheet HTML 6Page - Analog Devices AD586BR-REEL7 Datasheet HTML 7Page - Analog Devices AD586BR-REEL7 Datasheet HTML 8Page - Analog Devices AD586BR-REEL7 Datasheet HTML 9Page - Analog Devices AD586BR-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD586
Rev. G | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1TP DENOTES FACTORY TEST POINT.
NO CONNECTIONS, EXCEPT DUMMY PCB PAD,
SHOULD BE MADE TO THESE POINTS.
TP1
1
VIN 2
TP1
3
GND
4
NOISE
REDUCTION
8
TP1
7
VOUT
6
TRIM
5
AD586
TOP VIEW
(Not to Scale)
Figure 2. Pin Configuration (N-8)
1TP DENOTES FACTORY TEST POINT.
NO CONNECTIONS, EXCEPT DUMMY PCB PAD,
SHOULD BE MADE TO THESE POINTS.
TP1
1
VIN 2
TP1
3
GND
4
NOISE
REDUCTION
8
TP1
7
VOUT
6
TRIM
5
AD586
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration (Q-8)
1TP DENOTES FACTORY TEST POINT.
NO CONNECTIONS, EXCEPT DUMMY PCB PAD,
SHOULD BE MADE TO THESE POINTS.
TP1
1
VIN 2
TP1
3
GND
4
NOISE
REDUCTION
8
TP1
7
VOUT
6
TRIM
5
AD586
TOP VIEW
(Not to Scale)
Figure 4. Pin Configuration (R-8)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
TP1
Factory Trim Pad (No Connect).
2
VIN
Input Voltage.
3
TP1
Factory Trim Pad (No Connect).
4
GND
Ground.
5
TRIM
Optional External Fine Trim. See the Applying the AD586 section.
6
VOUT
Output Voltage.
7
TP1
Factory Trim Pad (No Connect).
8
NOICE REDUCTION
Optional Noise Reduction Filter with External 1µF Capacitor to Ground.


同様の部品番号 - AD586BR-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD586BR-REEL7 AD-AD586BR-REEL7 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
More results

同様の説明 - AD586BR-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD586 AD-AD586_15 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD586 AD-AD586 Datasheet
203Kb / 8P
   High Precision 5 V Reference
REV. C
AD586 AD-AD586_05 Datasheet
479Kb / 16P
   High Precision 5 V Reference
Rev. G
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
REF02 AD-REF02_05 Datasheet
584Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. I
REF02 AD-REF02 Datasheet
454Kb / 16P
   5 V Precision Voltage Reference/Temperature Transducer
Rev. F
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com