データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD1674BD データシート(PDF) 11 Page - Analog Devices

部品番号 AD1674BD
部品情報  12-Bit 100 kSPS A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD1674BD データシート(HTML) 11 Page - Analog Devices

Back Button AD1674BD Datasheet HTML 4Page - Analog Devices AD1674BD Datasheet HTML 5Page - Analog Devices AD1674BD Datasheet HTML 6Page - Analog Devices AD1674BD Datasheet HTML 7Page - Analog Devices AD1674BD Datasheet HTML 8Page - Analog Devices AD1674BD Datasheet HTML 9Page - Analog Devices AD1674BD Datasheet HTML 10Page - Analog Devices AD1674BD Datasheet HTML 11Page - Analog Devices AD1674BD Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD1674
REV. C
–11–
100k
AD1674
R1
100k
–15V
+15V
R2
100
100
ANALOG
INPUTS
0 TO +20V
0 TO +10V
2
12/8
3
CS
4
A
0
5
R/C
6
CE
10 REF IN
8
REF OUT
12 BIP OFF
13 10V
IN
14 20V
IN
9
ANA COM
STS 28
HIGH BITS
24-27
MIDDLE BITS
20-23
LOW BITS
16-19
+5V
1
+15V
7
–15V 11
DIG COM 15
Figure 11. Unipolar Input Connections with Gain and
Offset Trims
The full-scale trim is done by applying a signal 1 1/2 LSB below
the nominal full scale (9.9963 V for a 10 V range) and adjusting
R2 until the last transition is located (1111 1111 1110 to 1111
1111 1111). If full-scale adjustment is not required, R2 should
be replaced with a fixed 50
Ω ±1% metal film resistor. If REF
OUT is connected directly to REF IN, the additional full-scale
error will be approximately 1%.
BIPOLAR RANGE INPUTS
The connections for the bipolar-input mode are shown in Figure
12. Either or both of the trimming potentiometers can be
replaced with 50
Ω ± 1% fixed resistors if the specified AD1674
accuracy limits are sufficient for the application. If the pins are
shorted together, the additional offset and gain errors will be
approximately 1%.
To trim bipolar offset to its nominal value, apply a signal 1/2
LSB below midrange (–1.22 mV for a
±5 V range) and adjust
R1 until the major carry transition is located (0111 1111 1111
to 1000 0000 0000). To trim the full-scale error, apply a signal
1 1/2 LSB below full scale (+4.9963 V for a
±5 V range) and
adjust R2 to give the last positive transition (1111 1111 1110 to
1111 1111 1111). These trims are interactive so several itera-
tions may be necessary for convergence.
A single-pass calibration can be done by substituting a negative
full-scale trim for the bipolar offset trim (error at midscale),
using the same circuit. First, apply a signal 1/2 LSB above minus
full scale (–4.9988 V for a
±5 V range) and adjust R1 until the
minus full-scale transition is located (0000 0000 0001 to 0000
0000 0000). Then perform the gain error trim as outlined above.
R1
100
±10V
±5V
AD1674
R2
100
ANALOG
INPUTS
2
12/8
3
CS
4
A
0
5
R/C
6
CE
10 REF IN
8
REF OUT
12 BIP OFF
13 10V
IN
14 20V
IN
9
ANA COM
STS 28
HIGH BITS
24-27
MIDDLE BITS
20-23
LOW BITS
16-19
+5V
1
+15V
7
–15V 11
DIG COM 15
Figure 12. Bipolar Input Connections with Gain and Offset
Trims
REFERENCE DECOUPLING
It is recommended that a 10
µF tantalum capacitor be con-
nected between REF IN (Pin 10) and ground. This has the
effect of improving the S/(N+D) ratio through filtering possible
broad-band noise contributions from the voltage reference.
BOARD LAYOUT
Designing with high resolution data converters requires careful
attention to board layout. Trace impedance is a significant issue.
At the 12-bit level, a 5 mA current through a 0.5
Ω trace will
develop a voltage drop of 2.5 mV, which is 1 LSB for a 10 V
full-scale range. In addition to ground drops, inductive and ca-
pacitive coupling need to be considered, especially when high
accuracy analog signals share the same board with digital sig-
nals. Finally, power supplies should be decoupled in order to
filter out ac noise.
The AD1674 has a wide bandwidth sampling front end. This
means that the AD1674 will “see” high frequency noise at the
input, which nonsampling (or limited-bandwidth sampling)
ADCs would ignore. Therefore, it’s important to make an effort
to eliminate such high frequency noise through decoupling or by
using an anti-aliasing filter at the analog input of the AD1674.
Analog and digital signals should not share a common path.
Each signal should have an appropriate analog or digital return
routed close to it. Using this approach, signal loops enclose a
small area, minimizing the inductive coupling of noise. Wide PC
tracks, large gauge wire, and ground planes are highly recom-
mended to provide low impedance signal paths. Separate analog
and digital ground planes are also desirable, with a single inter-
connection point to minimize ground loops. Analog signals
should be routed as far as possible from digital signals and
should cross them (if necessary) only at right angles.
The AD1674 incorporates several features to help the user’s lay-
out. Analog pins are adjacent to help isolate analog from digital
signals. Ground currents have been minimized by careful circuit
architecture. Current through AGND is 2.2 mA, with little
code-dependent variation. The current through DGND is domi-
nated by the return current for DB11–DB0.
SUPPLY DECOUPLING
The AD1674 power supplies should be well filtered, well regu-
lated, and free from high frequency noise. Switching power sup-
plies are not recommended due to their tendency to generate
spikes which can induce noise in the analog system.
Decoupling capacitors should be used in very close layout prox-
imity between all power supply pins and ground. A 10
µF tanta-
lum capacitor in parallel with a 0.1
µF disc ceramic capacitor
provides adequate decoupling over a wide range of frequencies.
An effort should be made to minimize the trace length between
the capacitor leads and the respective converter power supply
and common pins. The circuit layout should attempt to locate
the AD1674, associated analog input circuitry, and interconnec-
tions as far as possible from logic circuitry. A solid analog
ground plane around the AD1674 will isolate large switching
ground currents. For these reasons, the use of wire-wrap circuit
construction is not recommended; careful printed-circuit con-
struction is preferred.


同様の部品番号 - AD1674BD

メーカー部品番号データシート部品情報
logo
Analog Devices
AD1674BD AD-AD1674BD Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BD AD-AD1674BD Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BD AD-AD1674BD Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BD AD-AD1674BD Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
More results

同様の説明 - AD1674BD

メーカー部品番号データシート部品情報
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674 Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_17 Datasheet
289Kb / 13P
   12-Bit 100 kSPS A/D Converter
AD1674JNZ AD-AD1674JNZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977 Datasheet
266Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com